Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83SND2CMP3 Datasheet(PDF) 68 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 64Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 65Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 66Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 67Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 68Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 69Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 70Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 71Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 97 page
background image
68
AT83SND2CMP3
7524B–MP3–05/06
Internal Baud Rate Generator
When using the Internal Baud Rate Generator, the Baud Rate is derived from the over-
flow of the timer. As shown in Figure 58 the Internal Baud Rate Generator is an 8-bit
auto-reload timer fed by the peripheral clock or by the peripheral clock divided by 6
depending on the SPD bit in BDRCON register. The Internal Baud Rate Generator is
enabled by setting BBR bit in BDRCON register. SMOD1 bit in PCON register allows
doubling of the generated baud rate.
Figure 58.
Internal Baud Rate Generator Block Diagram
Synchronous Mode
(Mode 0)
Mode 0 is a half-duplex, synchronous mode, which is commonly used to expand the I/0
capabilities of a device with shift registers. The transmit data (TXD) pin outputs a set of
eight clock pulses while the receive data (RXD) pin transmits or receives a Byte of data.
The 8-bit data are transmitted and received least-significant bit (LSB) first. Shifts occur
at a fixed Baud Rate (see Section "Baud Rate Selection (Mode 0)", page 69). Figure 59
shows the serial port block diagram in Mode 0.
Figure 59.
Serial I/O Port Block Diagram (Mode 0)
Transmission (Mode 0)
To start a transmission mode 0, write to SCON register clearing bits SM0, SM1.
As shown in Figure 60, writing the Byte to transmit to SBUF register starts the transmis-
sion. Hardware shifts the LSB (D0) onto the RXD pin during the first clock cycle
composed of a high level then low level signal on TXD. During the eighth clock cycle the
MSB (D7) is on the RXD pin. Then, hardware drives the RXD pin high and asserts TI to
indicate the end of the transmission.
0
1
Overflow
SPD
BDRCON.1
BRG
(8 bits)
BRL
(8 bits)
PER
CLOCK
÷ 6
IBRG
CLOCK
BRR
BDRCON.4
0
1
SMOD1
PCON.7
÷ 2
To serial
Port
BRG
CLOCK
TXD
RXD
SBUF Tx SR
SBUF Rx SR
SM1
SCON.6
SM0
SCON.7
Mode Decoder
M3 M2 M1 M0
Mode
Controller
RI
SCON.0
TI
SCON.1
PER
CLOCK
Baud Rate
Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com