Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSS461F Datasheet(PDF) 4 Page - ATMEL Corporation

Part # TSS461F
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461F Datasheet(HTML) 4 Page - ATMEL Corporation

  TSS461F Datasheet HTML 1Page - ATMEL Corporation TSS461F Datasheet HTML 2Page - ATMEL Corporation TSS461F Datasheet HTML 3Page - ATMEL Corporation TSS461F Datasheet HTML 4Page - ATMEL Corporation TSS461F Datasheet HTML 5Page - ATMEL Corporation TSS461F Datasheet HTML 6Page - ATMEL Corporation TSS461F Datasheet HTML 7Page - ATMEL Corporation TSS461F Datasheet HTML 8Page - ATMEL Corporation TSS461F Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
4
7615A–AUTO–02/06
TSS461F
I CMOS Pull-down
RXD0
17
VAN bus Inputs
RXD1
15
RXD2
16
3-state
TXD
18
VAN bus Output
I
XTAL1
9
Crystal oscillator or clock
input pins
0
XTAL2
10
0
CKOUT
12
Buffered clockout output
enabled if no reset
Ground
TEST/VSS
11
Oscillator Ground
Power
VCC
5
+5V Power Supply
Ground
VSS
20
I/O Type
Pin Name
Pin Number
Pin Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com