Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5216 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF5216
Description  Quad-Band GSM, Linear EDGE Transmit Module with Fourteen High Linearity TRX Switch Ports
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5216 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF5216 Datasheet HTML 9Page - RF Micro Devices RF5216 Datasheet HTML 10Page - RF Micro Devices RF5216 Datasheet HTML 11Page - RF Micro Devices RF5216 Datasheet HTML 12Page - RF Micro Devices RF5216 Datasheet HTML 13Page - RF Micro Devices RF5216 Datasheet HTML 14Page - RF Micro Devices RF5216 Datasheet HTML 15Page - RF Micro Devices RF5216 Datasheet HTML 16Page - RF Micro Devices RF5216 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20151001
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
13 of 22
RF5216
Register 1Dh (11101b) – Product ID
MIPI
Location
Bit Name
Default
Description
R/W
Broadcast
ID support
Trigger
support
Reg1D[7:0]
PRODUCT_ID[7:0]
DDh
Read only. During programming of USID, a write
command sequence is performed on this register but
does not change its value.
R
N
N
Register 1Eh (11110b) – Manufacturer ID
MIPI
Location
Bit Name
Default
Description
R/W
Broadcast
ID support
Trigger
support
Reg1E[7:0]
MANUFACTURER_ID[7:0]
34h
Read only. During programming of USID, a write
command sequence is performed on this register but
does not change its value.
R
N
N
Register 1Fh (11111b) – Manufacturer ID and USID
MIPI
Location
Bit Name
Default
Description
R/W
Broadcast
ID support
Trigger
support
Reg1F[7:6]
RESERVED
00
Reserved
R
N
N
Reg1F[5:4] MANUFACTURER_ID[9:8]
01
Read only. During programming of USID, a write
command sequence is performed on this register
but does not change its value.
R
N
N
Reg1F[3:0]
USID[3:0]
1111
USID of the device = “PA Module 1”.
Only writeable using the USID write sequence.
R/W
N
N
Register 21h (100001b) – CMOS Version ID
MIPI
Location
Bit Name
Default
Description
R/W
Broadcast
ID support
Trigger
support
Reg21[7:0]
VERSION_ID[7:0]
CMOS version ID
R
N
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com