Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT41000 Datasheet(PDF) 60 Page - Qorvo, Inc

Part # ACT41000
Description  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000 Datasheet(HTML) 60 Page - Qorvo, Inc

Back Button ACT41000 Datasheet HTML 56Page - Qorvo, Inc ACT41000 Datasheet HTML 57Page - Qorvo, Inc ACT41000 Datasheet HTML 58Page - Qorvo, Inc ACT41000 Datasheet HTML 59Page - Qorvo, Inc ACT41000 Datasheet HTML 60Page - Qorvo, Inc ACT41000 Datasheet HTML 61Page - Qorvo, Inc ACT41000 Datasheet HTML 62Page - Qorvo, Inc ACT41000 Datasheet HTML 63Page - Qorvo, Inc ACT41000 Datasheet HTML 64Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
0x0D: AUX LDO Value
The register 0x0D is Read / Write type. It programs AUX LDO value.
Table 25. Register 0x0D
Bit #
Bit(s) Name
Def
Description
7
0
(un-used bit)
6
0
(un-used bit)
5
LDO Voltage[5]
1
4
LDO Voltage[4]
1
3
LDO Voltage[3]
0
2
LDO Voltage[2]
0
1
LDO Voltage[1]
0
0
LDO Voltage[0]
0
See Table 26.
See AUX LDO Output Voltage Programming.
Table 26. LDO Voltage[5:0]
Value (bin)
Value (hex)
VO(VLDO) Voltage (V)
00 0000
0x00
0.90
00 0001
0x01
0.95
00 0010
0x02
1.00
00 0011
0x03
1.05
…
00 0110
0x06
1.20
…
00 1100
0x0C
1.50
…
01 0010
0x12
1.80
…
10 0000
0x20
2.50
…
10 1010
0x2A
3.00
…
11 0000
0x30
3.30 (default)
…
11 1101
0x3D
3.95
11 1110
0x3E
4.00
11 1111
0x3F
4.05
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
60
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com