Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT41000 Datasheet(PDF) 29 Page - Qorvo, Inc

Part # ACT41000
Description  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000 Datasheet(HTML) 29 Page - Qorvo, Inc

Back Button ACT41000 Datasheet HTML 25Page - Qorvo, Inc ACT41000 Datasheet HTML 26Page - Qorvo, Inc ACT41000 Datasheet HTML 27Page - Qorvo, Inc ACT41000 Datasheet HTML 28Page - Qorvo, Inc ACT41000 Datasheet HTML 29Page - Qorvo, Inc ACT41000 Datasheet HTML 30Page - Qorvo, Inc ACT41000 Datasheet HTML 31Page - Qorvo, Inc ACT41000 Datasheet HTML 32Page - Qorvo, Inc ACT41000 Datasheet HTML 33Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
Auxiliary LDO
For the purpose of supporting one another small power rail, the ACT41000 integrates an auxiliary 20 mA LDO. This AUX
LDO is powered by the V5V pin and its output voltage is regulated at the VO(VLDO) target.
Between the VLDO pin and the GND5V pin, an AUX LDO Output Capacitors is required.
Figure 50. AUX LDO Regulator
AUX LDO Enable
The AUX LDO is activated automatically when the V5V pin voltage exceeds the VIT(V5V) threshold. See Mini-buck Regulator.
In case of application where this power rail is not needed, the AUX LDO can be disabled by setting the I
2C Reg09[0] to
logic-L to save power.
AUX LDO Soft-start
To avoid a big inrush current, the AUX LDO execute a soft-start procedure. This soft-start sweeps its reference voltage from
0% to 100% in the tSS(LDO) target period.
AUX LDO Power-Good
There is a comparator monitoring the VLDO pin voltage. The output signal from this comparator is device internal. This
comparator does trigger no event in the Control Logic state-machine "main" sequence flow but, once the AUX LDO is
activated, it can trigger an "error" flow after the AUX LDO Soft-start operation completed.
AUX LDO Output Voltage Programming
The output voltage of the AUX LDO is programmable from 0.9 V to 4.05 V in 50 mV step by the I
2C Reg0D[5:0].
See Table 26 for a target code to program and this table is calculated by the Eq.(1).
(1)
It’s default value is stored in the Factory Programmed ROM.
See Factory Programming Options.
AUX LDO Over-Current Protection
The over-current protection (OCP) limits its output current not to exceed the IOCP(VLDO) threshold. When it exceeds, the
AUX LDO reduces the output current in a fold-back manner. Because of this fold-back current action, the VLDO pin voltage
eventually decreases to hit AUX LDO Under-Voltage Protection.
AUX LDO Under-Voltage Protection
The under-voltage protection (UVP) monitors the VLDO pin voltage at the VUVP(VLDO) threshold. For any reason, it falls
below the threshold, the device triggers the under-voltage protection.
See Executing Protections for the execution of this protection.
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
29
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com