Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9948KCPRL Datasheet(PDF) 1 Page - Analog Devices

Part # AD9948KCPRL
Description  10-Bit CCD Signal Processor with Precision Timing??Core
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9948KCPRL Datasheet(HTML) 1 Page - Analog Devices

  AD9948KCPRL Datasheet HTML 1Page - Analog Devices AD9948KCPRL Datasheet HTML 2Page - Analog Devices AD9948KCPRL Datasheet HTML 3Page - Analog Devices AD9948KCPRL Datasheet HTML 4Page - Analog Devices AD9948KCPRL Datasheet HTML 5Page - Analog Devices AD9948KCPRL Datasheet HTML 6Page - Analog Devices AD9948KCPRL Datasheet HTML 7Page - Analog Devices AD9948KCPRL Datasheet HTML 8Page - Analog Devices AD9948KCPRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD9948
10-Bit CCD Signal Processor with
Precision Timing™ Core
FUNCTIONAL BLOCK DIAGRAM
CLAMP
DOUT
CCDIN
REFT REFB
INTERNAL
REGISTERS
6dB TO 42dB
SYNC
GENERATOR
SDATA
SCK
SL
HBLK
10
VGA
AD9948
PRECISION
TIMING
CORE
10-BIT
ADC
VREF
INTERNAL
CLOCKS
PxGA
CDS
HORIZONTAL
DRIVERS
4
RG
H1–H4
HD
VD
CLI
CLP/PBLK
0dB TO 18dB
FEATURES
Correlated Double Sampler (CDS)
0 dB to 18 dB Pixel Gain Amplifier (
PxGA®)
6 dB to 42 dB 10-Bit Variable Gain Amplifier (VGA)
10-Bit 25 MSPS A/D Converter
Black Level Clamp with Variable Level Control
Complete On-Chip Timing Driver
Precision Timing Core with 800 ps Resolution
On-Chip 3 V Horizontal and RG Drivers
40-Lead LFCSP Package
APPLICATIONS
Digital Still Cameras
High Speed Digital Imaging Applications
GENERAL DESCRIPTION
The AD9948 is a highly integrated CCD signal processor for
digital still camera applications. Specified at pixel rates of up to
25 MHz, the AD9948 consists of a complete analog front end
with A/D conversion, combined with a programmable timing
driver. The Precision Timing core allows adjustment of high
speed clocks with 800 ps resolution.
The analog front end includes black level clamping, CDS, PxGA,
VGA, and a 25 MHz 10-bit A/D converter. The timing driver
provides the high speed CCD clock drivers for RG and H1–H4.
Operation is programmed using a 3-wire serial interface.
Packaged in a space-saving 40-lead LFCSP package, the
AD9948 is specified over an operating temperature range of
–20
°C to +85°C.


Similar Part No. - AD9948KCPRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9948 AD-AD9948 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD9948AD9949 AD-AD9948AD9949 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD9948 AD-AD9948_15 Datasheet
545Kb / 28P
10-Bit CCD Signal Processor with Precision Timing Core
REV. 0
More results

Similar Description - AD9948KCPRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9942 AD-AD9942 Datasheet
653Kb / 36P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
8/06-Rev. 0 to Rev. A
AD9979 AD-AD9979 Datasheet
62Kb / 2P
14-Bit, CCD Signal Processor with Precision Timing Core
AD9949 AD-AD9949 Datasheet
713Kb / 36P
12-Bit CCD Signal Processor with Precision Timing Core
11/04-Data Sheet Changed from Rev. A to Rev. B
AD9991 AD-AD9991 Datasheet
770Kb / 60P
10-Bit CCD Signal Processor with Precision Timing ??Generator
REV.0
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9948 AD-AD9948_15 Datasheet
545Kb / 28P
10-Bit CCD Signal Processor with Precision Timing Core
REV. 0
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com