Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9948KCPRL Datasheet(PDF) 3 Page - Analog Devices

Part # AD9948KCPRL
Description  10-Bit CCD Signal Processor with Precision Timing??Core
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9948KCPRL Datasheet(HTML) 3 Page - Analog Devices

  AD9948KCPRL Datasheet HTML 1Page - Analog Devices AD9948KCPRL Datasheet HTML 2Page - Analog Devices AD9948KCPRL Datasheet HTML 3Page - Analog Devices AD9948KCPRL Datasheet HTML 4Page - Analog Devices AD9948KCPRL Datasheet HTML 5Page - Analog Devices AD9948KCPRL Datasheet HTML 6Page - Analog Devices AD9948KCPRL Datasheet HTML 7Page - Analog Devices AD9948KCPRL Datasheet HTML 8Page - Analog Devices AD9948KCPRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
REV. 0
AD9948
–3–
ANALOG SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
CDS
Gain
0
dB
Allowable CCD Reset Transient
*
500
mV
Max Input Range before Saturation
*
1.0
V p-p
Max CCD Black Pixel Amplitude
*
±50
mV
PIXEL GAIN AMPLIFIER (PxGA)
Gain Control Resolution
256
Steps
Gain Monotonicity
Min Gain
0
dB
Max Gain
18
dB
VARIABLE GAIN AMPLIFIER (VGA)
Max Input Range
1.0
V p-p
Max Output Range
2.0
V p-p
Gain Control Resolution
1024
Steps
Gain Monotonicity
Guaranteed
Gain Range
Min Gain (VGA Code 0)
6
dB
Max Gain (VGA Code 1023)
42
dB
BLACK LEVEL CLAMP
Clamp Level Resolution
256
Steps
Clamp Level
Measured at ADC output
Min Clamp Level (0)
0
LSB
Max Clamp Level (255)
63.75
LSB
A/D CONVERTER
Resolution
10
Bits
Differential Nonlinearity (DNL)
–1.0
±0.5
+1.0
LSB
No Missing Codes
Guaranteed
Full-Scale Input Voltage
2.0
V
VOLTAGE REFERENCE
Reference Top Voltage (REFT)
2.0
V
Reference Bottom Voltage (REFB)
1.0
V
SYSTEM PERFORMANCE
Specifications include entire
signal chain
VGA Gain Accuracy
Min Gain (Code 0)
5.0
5.5
6.0
dB
Max Gain (Code 1023)
40.5
41.5
42.5
dB
Peak Nonlinearity, 500 mV Input Signal
0.2
%
12 dB gain applied
Total Output Noise
0.25
LSB rms
AC grounded input, 6 dB
gain applied
Power Supply Rejection (PSR)
50
dB
Measured with step change
on supply
*Input signal characteristics defined as follows:
50mV MAX
OPTICAL BLACK PIXEL
500mV TYP
RESET TRANSIENT
1V MAX
INPUT SIGNAL RANGE
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = DVDD = 3.0 V, fCLI = 25 MHz, Typical Timing Specifications,
unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com