Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZHT431 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZHT431
Description  Adjustable precision Zener shunt regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHT431 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZHT431 Datasheet HTML 1Page - Zetex Semiconductors ZHT431 Datasheet HTML 2Page - Zetex Semiconductors ZHT431 Datasheet HTML 3Page - Zetex Semiconductors ZHT431 Datasheet HTML 4Page - Zetex Semiconductors ZHT431 Datasheet HTML 5Page - Zetex Semiconductors ZHT431 Datasheet HTML 6Page - Zetex Semiconductors ZHT431 Datasheet HTML 7Page - Zetex Semiconductors ZHT431 Datasheet HTML 8Page - Zetex Semiconductors ZHT431 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Issue 5 - October 2006
1
www.zetex.com
© Zetex Semiconductors plc 2006
ZHT431
Adjustable precision Zener shunt regulator
Description
Ordering information
The ZHT431 is a three terminal adjustable
shunt regulator offering excellent temperature
stability and output current handling capability
up to 100mA. The device offers extended
operating temperature range working from -55
to +125°C. The output voltage may be set to
any chosen voltage between 2.5 and 20 volts
by selection of two external divider resistors.
The devices can be used as a replacement for
zener diodes in many applications requiring an
improvement in zener performance.
Features
•
Surface mount SOT223 and SOT23
packages
•
2% and 1% tolerance
•
Maximum temperature coefficient
67 ppm/°C
•
Temperature compensated for operation
over the full temperature range
•
Programmable output voltage
•50 A to 100mA current sink capability
•
Low output noise
•
Wide temperature range -55 to +125°C
Applications
•
Series and shunt regulator
•
Voltage monitor
•
Over voltage / under voltage protection
•
Switch mode power supplies
Pinout information
Order reference
Tolerance
(%)
Package Part mark
Status
Reel size
(inches)
Quantity
per reel
Tape
width
ZHT431C01L
1
TO92
ZHT43101 Obsolete
Loose
4000
-
ZHT431C01STOB
1
TO92
ZHT43101 Obsolete
12.5
1500
-
ZHT431C01STZ
1
TO92
ZHT43101 Obsolete Concertina
1500
-
ZHT431C02L
2
TO92
ZHT43102 Obsolete
Loose
4000
-
ZHT431C02STOB
2
TO92
ZHT43102 Obsolete
12.5
1500
-
ZHT431C02STZ
2
TO92
ZHT43102 Obsolete Concertina
1500
-
ZHT431F01TA
1
SOT23
43C
Released
7
3000
8mm
ZHT431F02TA
2
SOT23
43D
Released
7
3000
8mm
ZHT431G01TA
1
SOT223 ZHT43101 Released
7
1000
12mm
ZHT431G02TA
2
SOT223 ZHT43102 Released
7
1000
12mm
VZ
GND
SOT223
Pinout - Top view
VREF
GND
GND
VREF
VZ
SOT23
Pinout - Top view


Similar Part No. - ZHT431

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHT431 ZETEX-ZHT431 Datasheet
109Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZHT431 DIODES-ZHT431 Datasheet
114Kb / 8P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 11
ZHT431 DIODES-ZHT431 Datasheet
314Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 12
logo
Zetex Semiconductors
ZHT431C01 ZETEX-ZHT431C01 Datasheet
109Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZHT431C02 ZETEX-ZHT431C02 Datasheet
109Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results

Similar Description - ZHT431

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 2002
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
SEPTEMBER 2000
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 1997
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
FEBRUARY 1998
logo
Texas Instruments
LM431 TI1-LM431_16 Datasheet
1Mb / 32P
Adjustable Precision Zener Shunt Regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com