Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZHT431C01STZ Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZHT431C01STZ
Description  Adjustable precision Zener shunt regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHT431C01STZ Datasheet(HTML) 7 Page - Zetex Semiconductors

Back Button ZHT431C01STZ Datasheet HTML 3Page - Zetex Semiconductors ZHT431C01STZ Datasheet HTML 4Page - Zetex Semiconductors ZHT431C01STZ Datasheet HTML 5Page - Zetex Semiconductors ZHT431C01STZ Datasheet HTML 6Page - Zetex Semiconductors ZHT431C01STZ Datasheet HTML 7Page - Zetex Semiconductors ZHT431C01STZ Datasheet HTML 8Page - Zetex Semiconductors ZHT431C01STZ Datasheet HTML 9Page - Zetex Semiconductors ZHT431C01STZ Datasheet HTML 10Page - Zetex Semiconductors ZHT431C01STZ Datasheet HTML 11Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ZHT431
Issue 5 - October 2006
7
www.zetex.com
© Zetex Semiconductors plc 2006
Application circuits
R2
Vout=
1 +
R1
R2
Vref
V+
Vout
R1
30
0.01µF
Vref
Vout=
1 +
R1
R2
Vref
Vout
= Vref + Vreg
MIN
R2
R1
+
Vout
Vref
ZSR***
In
Out
Common
R2
R1
V+Vout
Vout=
Vref
1+
R1
R2
Vref
V+
Output
Input
V
= 2.5V
TH
V
2V
on
V
=V+
off
R2A
R1A
V+
Vref
R2B
R1B
Vref
1+
R1B
R2B
Vref
Low limit =
High limit = 1+
R1A
R2A
Vref
R2
R1
Vout=
Vref
1+
R1
R2
Vref
V+Vout
Output
Higher current shunt regulator
Shunt regulator
Series regulator
Output control of a
three terminal fixed regulator
Single supply comparator
with temperature
compensated threshold
Over voltage / under voltage
protection circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com