Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZHT431C01STZ Datasheet(PDF) 8 Page - Zetex Semiconductors

Part # ZHT431C01STZ
Description  Adjustable precision Zener shunt regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHT431C01STZ Datasheet(HTML) 8 Page - Zetex Semiconductors

Back Button ZHT431C01STZ Datasheet HTML 4Page - Zetex Semiconductors ZHT431C01STZ Datasheet HTML 5Page - Zetex Semiconductors ZHT431C01STZ Datasheet HTML 6Page - Zetex Semiconductors ZHT431C01STZ Datasheet HTML 7Page - Zetex Semiconductors ZHT431C01STZ Datasheet HTML 8Page - Zetex Semiconductors ZHT431C01STZ Datasheet HTML 9Page - Zetex Semiconductors ZHT431C01STZ Datasheet HTML 10Page - Zetex Semiconductors ZHT431C01STZ Datasheet HTML 11Page - Zetex Semiconductors ZHT431C01STZ Datasheet HTML 12Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ZHT431
Issue 5 - October 2006
8
www.zetex.com
© Zetex Semiconductors plc 2006
Package outline - TO92
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
DIM
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.32
4.95
0.170
0.195
b
0.36
0.51
0.014
0.020
E
3.30
3.94
0.130
0.155
e
2.41
2.67
0.095
0.105
e1
1.14
1.40
0.045
0.055
L
12.70
15.49
0.500
0.610
R
2.16
2.41
0.085
0.095
S1
1.14
1.52
0.045
0.060
W
0.41
0.56
0.016
0.022
D
4.45
4.95
0.175
0.195
*°
4°
6°
4°
6°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com