Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK2014A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCK2014A
Description  CK98 100/133 MHz spread spectrum system clock generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2014A Datasheet(HTML) 4 Page - NXP Semiconductors

  PCK2014A Datasheet HTML 1Page - NXP Semiconductors PCK2014A Datasheet HTML 2Page - NXP Semiconductors PCK2014A Datasheet HTML 3Page - NXP Semiconductors PCK2014A Datasheet HTML 4Page - NXP Semiconductors PCK2014A Datasheet HTML 5Page - NXP Semiconductors PCK2014A Datasheet HTML 6Page - NXP Semiconductors PCK2014A Datasheet HTML 7Page - NXP Semiconductors PCK2014A Datasheet HTML 8Page - NXP Semiconductors PCK2014A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
Product specification
PCK2014A
CK98 (100/133 MHz) spread spectrum
system clock generator
2001 Apr 02
4
BLOCK DIAGRAM
PWRDWN
LOGIC
SYSPLL
USBPLL
14.318
MHZ
OSC
PWRDWN
LOGIC
DECODE
LOGIC
X
X
X
X
X
X
X
REF [0–1](14.318 MHz)
PWRDWN
SEL1
SPREAD
SEL133/100
XTAL_IN
XTAL_OUT
48 MHz USB
CPUCLK [0–5]
3V66 [0–1] (66MHz)
X
SEL0
SW00765
X
PWRDWN
LOGIC
X APIC [0–2] (16.67 MHz)
PCI_[F, 1–5] (33 MHz)
X
STOP
LOGIC
LOGIC
X
PCISTOP
CPUSTOP
STOP
LOGIC
STOP
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com