Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK2014A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK2014A
Description  CK98 100/133 MHz spread spectrum system clock generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2014A Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK2014A Datasheet HTML 1Page - NXP Semiconductors PCK2014A Datasheet HTML 2Page - NXP Semiconductors PCK2014A Datasheet HTML 3Page - NXP Semiconductors PCK2014A Datasheet HTML 4Page - NXP Semiconductors PCK2014A Datasheet HTML 5Page - NXP Semiconductors PCK2014A Datasheet HTML 6Page - NXP Semiconductors PCK2014A Datasheet HTML 7Page - NXP Semiconductors PCK2014A Datasheet HTML 8Page - NXP Semiconductors PCK2014A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Product specification
PCK2014A
CK98 (100/133 MHz) spread spectrum
system clock generator
2
2001 Apr 02
853–2245 25964
FEATURES
• ESD classification testing is done to JEDEC Standard JESD22.
Protection exceeds 2000 V to HBM per method A114.
• Latch-up testing is done to JEDEC Standard JESD78
which exceeds 100 mA.
• Mixed 2.5 V and 3.3 V operation
• Six CPU clocks at 2.5 V
• Six PCI clocks at 3.3 V, one free-running
(synchronous with CPU clocks)
• Two 3.3 V fixed clocks @ 66 MHz
• Three 2.5 V IOAPIC clocks @ 16.67 MHz
• One 3.3 V 48 MHz USB clock
• Two 3.3 V reference clocks @ 14.318 MHz
• Reference 14.31818 MHz Xtal oscillator input
• 133 MHz or 100 MHz operation
• Power management control input pins
• CPU clock jitter ≤ 150 ps cycle-cycle
• CPU clock skew ≤ 175 ps pin-pin
• 0.0 ns – 1.5 ns CPU - 3V66 delay
• 1.5 ns – 3.5 ns 3V66 - PCI delay
• 1.5 ns – 4.0 ns CPU - IOAPIC delay
• 1.5 ns – 4.0 ns CPU - PCI delay
• Available in 56-pin SSOP package
• ±0.6% Center spread spectrum capability via select pins
• –0.6% Down spread spectrum capability via select pins
DESCRIPTION
The PCK2014A is a clock generator (frequency synthesizer) chip for
a Pentium III and other similar processors.
The PCK2014A has six CPU clock outputs at 2.5 V, two 3V66 clocks
running at 66 MHz. there are six PCI clock outputs running at
33 MHz. Additionally, the part has three 2.5 V IOAPIC clock outputs
at 16.67 MHz and two 3.3 V reference clock outputs at 14.318 MHz.
All clock outputs meet Intel’s drive strength, rise/fall time, jitter,
accuracy, and skew requirements.
The part possesses dedicated power-down, CPUSTOP, and
PCISTOP input pins for power management control. These inputs
are synchronized on-chip and ensure glitch-free output transitions.
When the CPUSTOP input is asserted, the CPU clock outputs and
3V66 clock outputs are driven LOW. When the PCISTOP input is
asserted, the PCI clock outputs are driven LOW.
Finally, when the PWRDWN input pin is asserted, the internal
reference oscillator and PLLs are shut down, and all outputs are
driven LOW.
PIN CONFIGURATION
SW00879
1
2
3
4
5
6
7
8
9
10
11
12
45
46
47
48
49
50
51
52
53
54
55
56
VSS
REF1
VDD3V
XTAL_IN
XTAL_OUT
VSS
VSS
PCI_F
VDD3V
PCI_1
CPUCLK0
VSS
CPUCLK1
VDD3V
CPUCLK2
PCI_2
13
14
15
16
17
18
39
40
41
42
43
44
VSS
PCI_3
PCI_4
VDD3V
VDD3V
CPUCLK3
PCI_5
19
38
VSS
20
21
22
23
24
25
32
33
34
35
36
37
VDD3V
VSS
VDD3V
SEL1
SEL0
VSS
26
31
27
30
48MHz_USB
28
29
SEL133/100
REF0
VSS
3V66_0
3V66_1
VDD3V
VDD25V
APIC2
APIC1
APIC0
VDD25V
CPUCLK5
CPUCLK4
VSS
VDD25V
VSS
VDD25V
VSS
VSS
PCISTOP
CPUSTOP
PWRDWN
SPREAD
VDD3V
VSS
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
56-pin plastic SSOP
0 to +70
°C
PCK2014ADL
SOT371-1
Intel and Pentium are registered trademarks of Intel Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com