Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK2023DL Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCK2023DL
Description  CK408 66/100/133/200 MHz spread spectrum differential system clock generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2023DL Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCK2023DL Datasheet HTML 14Page - NXP Semiconductors PCK2023DL Datasheet HTML 15Page - NXP Semiconductors PCK2023DL Datasheet HTML 16Page - NXP Semiconductors PCK2023DL Datasheet HTML 17Page - NXP Semiconductors PCK2023DL Datasheet HTML 18Page - NXP Semiconductors PCK2023DL Datasheet HTML 19Page - NXP Semiconductors PCK2023DL Datasheet HTML 20Page - NXP Semiconductors PCK2023DL Datasheet HTML 21Page - NXP Semiconductors PCK2023DL Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Philips Semiconductors
Product data
PCK2023
CK408 (66/100/133/200 MHz) spread
spectrum differential system clock generator
2001 Sep 07
18
BYTE 0
BIT
DESCRIPTION/FUNCTION
TYPE
POWER UP
CONDITION
OUTPUT(S)
AFFECTED
PIN AFFECTED
SOURCE PIN
0
S0 reflects the value of the
Sel_0 pin sampled on
power-up
R
externally selected
N/A
N/A
54
1
S1 reflects the value of the
Sel_1 pin sampled on
power-up
R
externally selected
N/A
N/A
55
2
S2 reflects the value of the
Sel_2 pin sampled on
power-up
R
externally selected
N/A
N/A
40
3
PCI_stop. This bit is ANDed
with the PCI_STOP pin for
I2C readback and control of
PCI outputs
RW
externally selected
All PCI clock
outputs except
PCI[2:0] pins
10, 11, 12, 13, 16,
17, 18
34
4
CPU_stop reflects the
current value of the external
CPU_Stop pin
R
externally selected
All CPU clock pairs
44, 45, 48, 49, 51,
52
53
5
VCH select 66 MHz/48MHz
enabled
RW
0 = 66MHz enabled
3V66_1/VCH
35
N/A
6
not used
—
0
—
—
—
7
spread spectrum enabled
RW
0 = spread off
CPU[2:0],
3V66[1:0]
5, 6, 7, 10, 11, 12,
13, 16, 17, 18, 33,
35
N/A
BYTE 1
BIT
DESCRIPTION/FUNCTION
TYPE
POWER UP
CONDITION
OUTPUT(S)
AFFECTED
PIN AFFECTED
SOURCE PIN
0
CPU0 output enable
1 = enabled
0 = disabled
RW
1 = enabled
CPU0
CPU0
51, 52
N/A
1
CPU1 output enable
1 = enabled
0 = disabled
RW
1 = enabled
CPU1
CPU1
48, 49
55
2
CPU2 output enable
1 = enabled
0 = disabled
RW
1 = enabled
CPU2
CPU2
44, 45
40
3
allow control of CPU0 with
assertion of CPU_Stop
1 = enabled
0 = disabled
RW
0 = not free running,
is affected by
CPU_Stop
CPU0
CPU0
51, 52
34
4
allow control of CPU1 with
assertion of CPU_Stop
1 = enabled
0 = disabled
RW
0 = not free running,
is affected by
CPU_Stop
CPU1
CPU1
48, 49
53
5
allow control of CPU2 with
assertion of CPU stop
1 = enabled
0 = disabled
RW
0 = not free running,
is affected by
CPU_Stop
CPU2
CPU2
44, 45
N/A
6
not used
—
0
—
—
—
7
CPU Mult0 value sampled
at startup
R
externally selected
N/A
N/A
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com