Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM411 Datasheet(PDF) 3 Page - Analog Microelectronics GmbH

Part # AM411
Description  Low-Cost Voltage Transmitter IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM411 Datasheet(HTML) 3 Page - Analog Microelectronics GmbH

  AM411 Datasheet HTML 1Page - Analog Microelectronics GmbH AM411 Datasheet HTML 2Page - Analog Microelectronics GmbH AM411 Datasheet HTML 3Page - Analog Microelectronics GmbH AM411 Datasheet HTML 4Page - Analog Microelectronics GmbH AM411 Datasheet HTML 5Page - Analog Microelectronics GmbH AM411 Datasheet HTML 6Page - Analog Microelectronics GmbH AM411 Datasheet HTML 7Page - Analog Microelectronics GmbH AM411 Datasheet HTML 8Page - Analog Microelectronics GmbH AM411 Datasheet HTML 9Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AM411
Low-Cost Voltage Transmitter IC
March 2015 - Rev. 4.0
Page 3/10
www.analogmicro.de
FEATURES
•
supply voltage range: 6 .. 35 V
•
operating temperature range:
-40 °C .. +85 °C
•
voltage reference: 5 V (max. 10 mA)
•
differential input voltage range:
VIN = 0 .. ±600 mV
•
large common-mode input range:
1.5 .. 6.0 V
•
output voltage up to 13 V
•
adjustable gain and offset
•
several integrated protection functions:
- reverse polarity protection
- protection against permutation
of VCC, VOUT, GND
- output current limitation
- short circuit protection
•
ESD protection
•
REACH and RoHS conform
GENERAL DESCRIPTION
AM411 is a universal voltage amplifier / transmit-
ter IC for signal-conditioning applications. It con-
verts a differential input voltage into an amplified,
single-ended output voltage. Using this IC stan-
dardized industrial output voltage ranges (e.g.
0 .. 5, 0 .. 10 V, 1 .. 5 V) can easily be realized.
The IC consists of an instrumentation amplifier
with adjustable offset as input stage and an op-
erational amplifier output stage with adjustable
gain. Offset and gain can be set using external
resistors. A reference voltage source delivering 5
V with a source current up to 10 mA can be used
to power external components (e.g. measurement
bridges, microcontrollers).
The IC is internally protected against reverse po-
larity and permutation of VCC, VOUT and GND.
Furthermore it is protected against short circuit of
VOUT by an integrated output current limitation.
With its industrial voltage output, protection func-
tions and wide input voltage range AM411 is suit-
able for a large variety of transducers and sen-
sors.
BLOCK DIAGRAM
Figure 1: AM411’s block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com