Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM411 Datasheet(PDF) 1 Page - Analog Microelectronics GmbH

Part # AM411
Description  Low-Cost Voltage Transmitter IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM411 Datasheet(HTML) 1 Page - Analog Microelectronics GmbH

  AM411 Datasheet HTML 1Page - Analog Microelectronics GmbH AM411 Datasheet HTML 2Page - Analog Microelectronics GmbH AM411 Datasheet HTML 3Page - Analog Microelectronics GmbH AM411 Datasheet HTML 4Page - Analog Microelectronics GmbH AM411 Datasheet HTML 5Page - Analog Microelectronics GmbH AM411 Datasheet HTML 6Page - Analog Microelectronics GmbH AM411 Datasheet HTML 7Page - Analog Microelectronics GmbH AM411 Datasheet HTML 8Page - Analog Microelectronics GmbH AM411 Datasheet HTML 9Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AM411
Low-Cost Voltage Transmitter IC
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
March 2015 - Rev. 4.0
Phone:+49 (0)6131/91 0730-0
Fax:
+49 (0)6131/91 073-30
Internet: www.analogmicro.de
E–Mail: info@analogmicro.de
Principle Function
Industrial amplifier / transmitter IC for differential input voltages with integrated
voltage reference and protection functions
Typical Applications
•
Universal voltage-transmitter with adjustable gain and offset
•
Analog interface IC for differential input voltage signals
•
Protected output stage for industrial applications (e.g. 0 .. 10 V)
•
Interface and protection IC for microcontrollers
•
Non-ratiometric sensor transmitter IC


Similar Part No. - AM411

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
AM411 MINI-AM411 Datasheet
71Kb / 6P
VOLTAGE TRANSMITTER IC
logo
WOLFSPEED, INC.
AM411 WOLFSPEED-AM411 Datasheet
350Kb / 10P
Low-Cost Voltage Transmitter IC
March 2015 Rev. 4.0
More results

Similar Description - AM411

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
AM411 MINI-AM411 Datasheet
71Kb / 6P
VOLTAGE TRANSMITTER IC
logo
Semtech Corporation
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
SX1242 SEMTECH-SX1242 Datasheet
304Kb / 14P
SX1242 - Low Cost Integrated Transmitter IC
logo
List of Unclassifed Man...
SEM104PT100 ETC2-SEM104PT100 Datasheet
92Kb / 2P
LOW COST TEMPERATURE TRANSMITTER
RF68 ETC2-RF68 Datasheet
778Kb / 21P
Low Cost Integrated Transmitter IC
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
Low Cost ISM Transmitter Module
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
Low Cost Integrated Transmitter IC
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
Low Cost ISM Transmitter Module
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
Low Cost ISM Transmitter Module
logo
WOLFSPEED, INC.
AM411 WOLFSPEED-AM411 Datasheet
350Kb / 10P
Low-Cost Voltage Transmitter IC
March 2015 Rev. 4.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com