Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS6916 Datasheet(PDF) 6 Page - Analog Microelectronics GmbH

Part # AMS6916
Description  Board mount pressure sensor with ratiometric analog output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AMS6916 Datasheet(HTML) 6 Page - Analog Microelectronics GmbH

  AMS6916 Datasheet HTML 1Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 2Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 3Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 4Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 5Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 6Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 7Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 8Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 9Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AMS 6916
Board mount pressure sensor with ratiometric analog output
April 2019
– Rev. 1.0, preliminary
Page 6/9
www.analog-micro.com
INITIAL OPERATION
AMS 6916 is connected electrically by assembly on a PCB or by mounting it on a suitable socket
1. Pins 1 to
3 have to be connected as shown in Figure 2, pins 4 to 8 are not connected internally, so they can be left
open or shorted to GND.
The pressure connection is established using suitable hoses
2 attached to AMS 6916’s barbed pressure
ports. Depending on the type of sensor and the type of pressure measurement one or two pressure ports
have to be connected up to the measuring media / volumes.
For the pressures at port 1 and 2 (for port definition see Figure 3) the following requirements have to be
fulfilled (according to the definition p1 = pressure at port 1 and p2 = pressure at port 2):
for differential pressure types
3 (AMS 6916-XXXX-D-…):
p1 > p2
for relative / gage pressure types (AMS 6916-XXXX-G-
…):
p1 > pambient, p1 = measuring pressure
for bidirectional differential pressure types (AMS 6916-XXXX-D-B-
…): p
1 > p2
and p1 < p2 possible
for absolute pressure types (AMS 6916-XXXX-A-
…):
p2 = measuring pressure
for barometric pressure types (AMS 6916-XXXX-B-
…):
p2 = measuring pressure
The guidelines on media compatibility have to be taken into account (see "Specification notes", 9) and 10)).
Notes:
1.
ESD precautions are necessary, it is essential to ground machines and personnel properly during assembly and
handling of the device
2.
For horizontal pressure port configuration Analog Microelectronics recommends a silicone hose tubing with inner
diameter Ø = 1.6 mm, outer diameter Ø = 3.2 mm and for vertical pressure port configuration a silicone hose
tubing with inner diameter Ø = 2 mm, outer diameter Ø = 6 mm.
3.
In general a differential pressure sensor can also be used for relative pressure measurements. In case of positive
pressure relative to ambient pressure the measurement pressure has to be applied to port 1. For negative
pressure relative to ambient pressure the measurement pressure is applied to port 2.
Figure 2: Principle electrical circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com