Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS6916 Datasheet(PDF) 1 Page - Analog Microelectronics GmbH

Part # AMS6916
Description  Board mount pressure sensor with ratiometric analog output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AMS6916 Datasheet(HTML) 1 Page - Analog Microelectronics GmbH

  AMS6916 Datasheet HTML 1Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 2Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 3Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 4Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 5Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 6Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 7Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 8Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 9Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AMS 6916
Board mount pressure sensor with ratiometric analog output
Analog Microelectronics GmbH
An der Fahrt 13, D
– 55124 Mainz
April 2019
– Rev. 1.0, preliminary
Phone:+49 (0)6131/91 0730-0
Fax:
+49 (0)6131/91 073-30
Internet: www.analog-micro.com
E
–Mail: info@analogmicro.de
FEATURES
 Piezoresistive
pressure
sensor
with
amplified analog output
 Calibrated and temperature compensated
 Ratiometric voltage output, 0.5 … 4.5 V
 Digital signal conditioning, 12 bit output
resolution
 Differential, relative (gage), bidirectional
differential,
absolute
and
barometric
versions
 Accuracy of 0.5 %FSO at room temperature
(for pressure ranges > 10 mbar)
 Small
overall
error
(TEB)
within
a
temperature range of 0
… 60 °C
 Supply voltage range 4.75 … 5.25 V
 Operating temperature range -25 … 85 °C
 High long term stability
 Short
circuit
protected
output
and
diagnostic functions
 Miniaturized DIL package for PCB assembly
 Horizontal and vertical pressure port
configurations available
 Ready to use
 RoHS and REACH compliant
TYPICAL APPLICATIONS
 Static and dynamic pressure measurement
 Industrial process control
 Medical instrumentation
 Heating, Ventilation and Air Conditioning
(HVAC)
 Barometric pressure measurement
 Vacuum monitoring
 Gas flow measurement
GENERAL DESCRIPTION
AMS 6916 is an OEM pressure sensors series
offering an analog voltage output in a compact
DIL package for assembly on printed circuit
boards
(PCBs).
The
high-precision
pressure
sensors
feature
a
short
circuit
protected
ratiometric 0.5
… 4.5 V output and diagnostic
functions indicating sensor errors.
The sensors in the AMS 6916 series are digitally
calibrated,
linearized
and
temperature
compensated
with
an
operating
temperature
range of -
25 … 85 °C. Combining a high quality
piezoresistive MEMS sensing element with a
modern, mixed-signal conditioning ASIC on a
ceramic substrate the AMS 6916 achieves a small
total error band together with excellent long term
stability.
AMS 6916 sensors are available for all pressure
types in various pressure ranges: differential / rel-
ative pressure sensors in ranges from 0
… 5 mbar
up to 0
… 1 bar, absolute pressure sensors for
0 … 500 mbar and 0 … 1 bar and a barometric
type
(700 … 1200 mbar). Bidirectional differential
pressure sensors are offered in ranges from
-5
… +5 mbar up to -1 … +1 bar. Custom specific
pressure ranges or further modifications are avail-
able on request.
The robust AMS 6916 are especially suitable for
precise low and medium differential pressure
measurements in applications, where a conse-
quent miniaturization is required.


Similar Part No. - AMS6916

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
AMS6916 WOLFSPEED-AMS6916 Datasheet
902Kb / 9P
Board mount pressure sensor with ratiometric analog output
April 2019 Rev. 1.0
More results

Similar Description - AMS6916

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS4525 TEC-MS4525 Datasheet
412Kb / 15P
Amplified Ratiometric Analog Output
logo
Analog Microelectronics...
AMS5812 ANALOGMICRO-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
Rev. 3.0
AMS5915 ANALOGMICRO-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.0
AMS6915 ANALOGMICRO-AMS6915 Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 2.0
logo
WOLFSPEED, INC.
AMS5812 WOLFSPEED-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
AMS 5812 Rev. 3.0
AMS5915 WOLFSPEED-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
AMS 5915 Rev. 4.0
AMS5935 WOLFSPEED-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
AMS 5935 Rev. 1.0
AMS6915 WOLFSPEED-AMS6915 Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
AMS 6915 Rev. 2.0
AMS6916 WOLFSPEED-AMS6916 Datasheet
902Kb / 9P
Board mount pressure sensor with ratiometric analog output
April 2019 Rev. 1.0
logo
Analog Microelectronics...
AMS5915 ANALOGMICRO-AMS5915_V01 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com