Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF3DX3 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MF3DX3
Description  MIFARE DESFire EV3 contactless multi-application IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3DX3 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MF3DX3 Datasheet HTML 3Page - NXP Semiconductors MF3DX3 Datasheet HTML 4Page - NXP Semiconductors MF3DX3 Datasheet HTML 5Page - NXP Semiconductors MF3DX3 Datasheet HTML 6Page - NXP Semiconductors MF3DX3 Datasheet HTML 7Page - NXP Semiconductors MF3DX3 Datasheet HTML 8Page - NXP Semiconductors MF3DX3 Datasheet HTML 9Page - NXP Semiconductors MF3DX3 Datasheet HTML 10Page - NXP Semiconductors MF3DX3 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
NXP Semiconductors
MF3D(H)x3
MIFARE DESFire EV3 contactless multi-application IC
4 Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fi
input frequency
-
13.56
-
MHz
MF3Dx3
[3][4]
-
17.0
-
pF
Ci
input capacitance
MF3DHx3
[3][4]
-
66.5
-
pF
NV memory characteristics
tret
retention time
Tamb = 25 °C
25
-
-
year
Nendu(W)
write endurance
Tamb = 25 °C
200 000
1 000 000
-
cycle
Table 2. Quick reference data [1][2]
[1]
Stresses above one or more of the values may cause permanent damage to the device.
[2]
Exposure to limiting values for extended periods may affect device reliability.
[3]
Measured with LCR meter.
[4]
Tamb = 25 °C; fi = 13.56 MHz; 2.1 V RMS
MF3D_H_X3_SDS
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product short data sheet
Rev. 3.1 — 11 January 2024
7 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com