Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF3DX3 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MF3DX3
Description  MIFARE DESFire EV3 contactless multi-application IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3DX3 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MF3DX3 Datasheet HTML 4Page - NXP Semiconductors MF3DX3 Datasheet HTML 5Page - NXP Semiconductors MF3DX3 Datasheet HTML 6Page - NXP Semiconductors MF3DX3 Datasheet HTML 7Page - NXP Semiconductors MF3DX3 Datasheet HTML 8Page - NXP Semiconductors MF3DX3 Datasheet HTML 9Page - NXP Semiconductors MF3DX3 Datasheet HTML 10Page - NXP Semiconductors MF3DX3 Datasheet HTML 11Page - NXP Semiconductors MF3DX3 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
NXP Semiconductors
MF3D(H)x3
MIFARE DESFire EV3 contactless multi-application IC
5 Ordering information
Type number
Package
Description
Version
MF3D2301DUD/00
FFC
12-inch wafer (sawn; 120 μm thickness)[1][2]; 2 kB, 17 pF input
capacitance
-
MF3D4301DUD/00
FFC
12-inch wafer (sawn; 120 μm thickness)[1][2]; 4 kB, 17 pF input
capacitance
-
MF3D8301DUD/00
FFC
12-inch wafer (sawn; 120 μm thickness)[1][2]; 8 kB, 17 pF input
capacitance
-
MF3D9301DUD/01
FFC
12-inch wafer (sawn; 120 μm thickness)[1][2]; 16 kB, 17 pF input
capacitance
-
MF3DH2301DUD/00
FFC
12-inch wafer (sawn; 120 μm thickness)[1][2]; 2 kB, 70 pF input
capacitance
-
MF3DH4301DUD/00
FFC
12-inch wafer (sawn; 120 μm thickness)[1][2]; 4 kB, 70 pF input
capacitance
-
MF3DH8301DUD/00
FFC
12-inch wafer (sawn; 120 μm thickness)[1][2]; 8 kB, 70 pF input
capacitance
-
MF3DH9301DUD/01
FFC
12-inch wafer (sawn; 120 μm thickness)[1][2]; 16 kB, 70 pF input
capacitance
-
MF3D2300DA4/00
MOA4
plastic leadless module carrier package[3]; 2 kB, 17 pF input
capacitance
SOT500-2
MF3D4300DA4/00
MOA4
plastic leadless module carrier package[3]; 4 kB, 17 pF input
capacitance
SOT500-2
MF3D8300DA4/00
MOA4
plastic leadless module carrier package[3]; 8 kB, 17 pF input
capacitance
SOT500-2
MF3D9300DA4/01
MOA4
plastic leadless module carrier package[3]; 16 kB, 17 pF input
capacitance
SOT500-2
MF3DH2300DA4/00
MOA4
plastic leadless module carrier package[3]; 2 kB, 70 pF input
capacitance
SOT500-2
MF3DH4300DA4/00
MOA4
plastic leadless module carrier package[3]; 4 kB, 70 pF input
capacitance
SOT500-2
MF3DH8300DA4/00
MOA4
plastic leadless module carrier package[3]; 8 kB, 70 pF input
capacitance
SOT500-2
MF3DH9300DA4/01
MOA4
plastic leadless module carrier package[3]; 16 kB, 70 pF input
capacitance
SOT500-2
MF3D2300DA8/00
MOA8
plastic leadless module carrier package[4]; 2 kB, 17 pF input
capacitance
SOT500-4
MF3D4300DA8/00
MOA8
plastic leadless module carrier package[4]; 4 kB, 17 pF input
capacitance
SOT500-4
MF3D8300DA8/00
MOA8
plastic leadless module carrier package[4]; 8 kB, 17 pF input
capacitance
SOT500-4
MF3D9300DA8/01
MOA8
plastic leadless module carrier package[4]; 16 kB, 17 pF input
capacitance
SOT500-4
MF3DH2300DA8/00
MOA8
plastic leadless module carrier package[4]; 2 kB, 70 pF input
capacitance
SOT500-4
Table 3. Ordering information
MF3D_H_X3_SDS
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product short data sheet
Rev. 3.1 — 11 January 2024
8 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com