Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDIUSBH11 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PDIUSBH11
Description  Universal Serial Bus Hub
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH11 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PDIUSBH11 Datasheet HTML 7Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 8Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 9Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 10Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 11Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 12Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 13Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 14Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Philips Semiconductors
Product specification
PDIUSBH11
Universal Serial Bus Hub
1997 Aug 01
11
Read Endpoint Status
Command
: 80–84h
Data
: Read 1 byte
0
7
0
6
0
5
0
4
0
3
0
2
0
1
0
0
POWER ON VALUE
RESERVED
SETUP PACKET
STALL
DATA 0/1 PACKET
BUFFER FULL
SETUP PACKET
A ‘1’ INDICATES THE LAST RECEIVED PACKET WAS A SETUP TOKEN
STALL
A ‘1’ INDICATES THE ENDPOINT IS STALLED
DATA 0/1 PACKET
A ‘1’ INDICATES THAT THE LAST RECEIVED OR SENT PACKET HAD A DATA1 PID
SV00508
RESERVED
BUFFER FULL
A ‘1’ INDICATES THAT THE BUFFER IS FULL
Read Buffer
Command
: F0h
Data
: Read multiple bytes (max 10)
The Read Buffer command is followed by a number of data reads, which return the contents of the selected endpoint data buffer. After each
read, the internal buffer pointer is incremented by 1.
The buffer pointer is not reset to the buffer start by the Read Buffer command. This means that reading or writing a buffer can be interrupted by
any other command (except for Select Endpoint), or can be done by more than one I2C transaction (read the first 2 bytes to get the number of
data bytes, then read the rest in other transactions).
The data in the buffer are organized as follows:
• byte 0: reserved: can have any value
• byte 1: Number / length of data bytes
• byte 2: Data byte 1
• byte 3: Data byte 2
Write Buffer
Command
: F0h
Data
: Write multiple bytes (max 10)
The Write Buffer command is followed by a number of data writes, which load the endpoints buffer. The data must be organized in the same
way as described in the Read Buffer command. The first byte (reserved) should always be 0. As in the Read Buffer command, the data can be
split up into different I2C data transactions.
WARNING
There is no protection against writing or reading over a buffer’s boundary or against writing into an OUT buffer or reading from an IN buffer. Any
of these actions could cause an incorrect operation. Data in an OUT buffer are only meaningful after a successful transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com