Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDIUSBH11 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PDIUSBH11
Description  Universal Serial Bus Hub
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH11 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PDIUSBH11 Datasheet HTML 11Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 12Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 13Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 14Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 15Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 16Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 17Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 18Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Philips Semiconductors
Product specification
PDIUSBH11
Universal Serial Bus Hub
1997 Aug 01
15
Set Status Change Bits
Command
: F7h
Data
: Write 1 byte
For assembling the hub’s status change register, the device needs some additional information from the controller, i.e. the Local Power Status
Change bit and the embedded function Status Change bit.
These are provided by the Set Status Change Bits command. This command is always followed by one data write which contains the Local
Power Status Change bit at the LSB and the embedded function Status Change bit at position 1. All other bits should be 0.
X
7
X
6
X
5
X
4
X
3
X
2
0
1
0
0
POWER ON VALUE
LOCAL POWER
EMBEDDED FUNCTION
RESERVED
SV00511
GENERAL COMMANDS
Send Resume
Command
: F6h
Data
: None
Sends an upstream resume signal for 10 ms. This command is normally issued when the device is in suspend. The RESUME command is not
followed by a data read or write.
The PDIUSBH11 automatically sends a RESUME command when an event occurs downstream.
Read Current Frame Number
Command
: F5h
Data
: Read 1 or 2 bytes
This command is followed by one or two data reads and returns the frame number of the last successfully received SOF. The frame number is
returned Least Significant Byte first.
X
7
X
6
X
5
X
4
X
3
X
2
X
1
X
0
LEAST SIGNIFICANT BYTE
X
7
X
6
X
5
X
4
X
3
X
2
X
1
X
0
MOST SIGNIFICANT BYTE
SV00512
EMBEDDED FUNCTION
The USB host sees no difference between the embedded function and a function connected to one of the downstream ports. Some of the port
commands sent by the host must be handled appropriately by the embedded function to appear as any other downstream port.
The micro controller maintains a series of status and status change bits for the embedded function as described in the Get Port Status
command section. From these bits, the Status Change bit for the embedded function is derived (i.e. the port specific Status Change bits). This
Status Change bit is then provided to the PDIUSBH11 by the Set Status Change Bits command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com