Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4448HTW Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # MMBD4448HTW
Description  Plastic-Encapsulate Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

MMBD4448HTW Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  MMBD4448HTW Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . MMBD4448HTW Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . MMBD4448HTW Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . MMBD4448HTW Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Plastic-Encapsulate Diodes
Maximum Ratings and Electrical Characteristics, Single Diode @Ta=25
Parameter
Symbol
Limit
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
80
V
RMS Reverse Voltage
VR(RMS)
5
7
V
Forward Continuous Current
IFM
500
mA
Average Rectified Output Current
IO
250
mA
Forward Surge Current @t=8.3ms
IFSM
2.0
A
Power Dissipation
Pd
200
mW
Thermal Resistance from Junction to Ambient
RθJA
625
/W
Storage Temperature
TSTG
-
55 ~+150
℃
℃
℃
Non-Repetitive Peak
Switching Diode
FEATURES
Fast Switching Speed
Ultra-Small Surface Mount Package
For General Purpose Switching Applications
High Conductance Power Dissipation
SOT-363
MMBD4448HADW
MARKING:KA5
MARKING:KA6
MARKING:KA7
MARKING:
MARKING:
MMBD4448HCDW MMBD4448HSDW
MMBD4448HTW
MMBD4448HA W
KAA
KAB
KA5
-
+
-
- -
+
KA6
-
KA7
+ +
+
- +
KAB
KAA
+
-
+ +
-
-
+ -
+
-
Soliddot = Green molding compound device, if none,the normal device.
Soliddot = Pin1 indicate.
D4448Hxx-SERIES
MMB


Similar Part No. - MMBD4448HTW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HTW DIODES-MMBD4448HTW Datasheet
77Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 7 - 2
MMBD4448HTW DIODES-MMBD4448HTW Datasheet
440Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 14 - 2
logo
Guangdong Kexin Industr...
MMBD4448HTW KEXIN-MMBD4448HTW Datasheet
42Kb / 2P
Surface Mount Fast Switching Diode Array
logo
Weitron Technology
MMBD4448HTW WEITRON-MMBD4448HTW Datasheet
2Mb / 4P
Surface Mount Switching Multi-Chip Diode Array
logo
SeCoS Halbleitertechnol...
MMBD4448HTW SECOS-MMBD4448HTW Datasheet
1Mb / 2P
Surface Mount Switching Diode Array
More results

Similar Description - MMBD4448HTW

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
BAV19W HOTTECH-BAV19W Datasheet
350Kb / 2P
Plastic-Encapsulate Diodes
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
Plastic-Encapsulate Diodes
MMBZ52XXB HOTTECH-MMBZ52XXB Datasheet
416Kb / 3P
Plastic-Encapsulate Diodes
S2A HOTTECH-S2A Datasheet
304Kb / 2P
Plastic-Encapsulate Diodes
1SS184 HOTTECH-1SS184 Datasheet
201Kb / 2P
Plastic-Encapsulate Diodes
1SS196 HOTTECH-1SS196 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
B5817W HOTTECH-B5817W Datasheet
294Kb / 2P
Plastic-Encapsulate Diodes
BAT54WS HOTTECH-BAT54WS Datasheet
202Kb / 2P
Plastic-Encapsulate Diodes
1N4148WS HOTTECH-1N4148WS Datasheet
91Kb / 2P
Plastic-Encapsulate Diodes
logo
SHENZHEN SLS TECHNOLOGY...
1SS181 SHENZHENSLS-1SS181 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com