Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM8000FN Datasheet(PDF) 13 Page - Texas Instruments

Part # TCM8000FN
Description  CELLULAR TELEPHONE AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM8000FN Datasheet(HTML) 13 Page - Texas Instruments

Back Button TCM8000FN Datasheet HTML 9Page - Texas Instruments TCM8000FN Datasheet HTML 10Page - Texas Instruments TCM8000FN Datasheet HTML 11Page - Texas Instruments TCM8000FN Datasheet HTML 12Page - Texas Instruments TCM8000FN Datasheet HTML 13Page - Texas Instruments TCM8000FN Datasheet HTML 14Page - Texas Instruments TCM8000FN Datasheet HTML 15Page - Texas Instruments TCM8000FN Datasheet HTML 16Page - Texas Instruments TCM8000FN Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TCM8000
CELLULAR TELEPHONE AUDIO PROCESSOR
SCTS041A – D4086, AUGUST 1992 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
13
receive path specifications, VCC = 5 V, fxtal = 3.58 MHz (continued)
receive SAT path frequency response, AMPS/TACS mode, RXIN = 100 mVrms, RXTRIM = <1000>,
SATTRIM = <100> (see Figure 15 and Table 1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Gain
f = 6 kHz
3
5
dB
f = 100 Hz
–35
f = 3 kHz
–35
f = 4.8 kHz
–25
f = 5.1 kHz
–20
f = 5.8 kHz
–5
0.5
Relative gain
f = 5.94 kHz
±0.5
dB
f = 6.06 kHz
±0.5
f = 6.2 kHz
–5
0.5
f = 7.5 kHz
–20
f = 9 kHz
–35
f = 10 kHz
–35
receive SAT path trim, SATTRIM, RXIN = 100 mVrms, f at 4 kHz NMT, f at 6 kHz AMPS/TACS, RXTRIM = <1000>
(see Table 1)
PARAMETER
MIN
MAX
UNIT
Gain, SATTRIM = <100>
3
5
dB
Step size
0.8
1.2
dB
Positive range
2.5
3.5
dB
Negative range
– 4.5
– 3.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com