Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM8000FN Datasheet(PDF) 3 Page - Texas Instruments

Part # TCM8000FN
Description  CELLULAR TELEPHONE AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM8000FN Datasheet(HTML) 3 Page - Texas Instruments

  TCM8000FN Datasheet HTML 1Page - Texas Instruments TCM8000FN Datasheet HTML 2Page - Texas Instruments TCM8000FN Datasheet HTML 3Page - Texas Instruments TCM8000FN Datasheet HTML 4Page - Texas Instruments TCM8000FN Datasheet HTML 5Page - Texas Instruments TCM8000FN Datasheet HTML 6Page - Texas Instruments TCM8000FN Datasheet HTML 7Page - Texas Instruments TCM8000FN Datasheet HTML 8Page - Texas Instruments TCM8000FN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TCM8000
CELLULAR TELEPHONE AUDIO PROCESSOR
SCTS041A – D4086, AUGUST 1992 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
3
Terminal Functions
PIN
NAME
NO.
I/O
DESCRIPTION
NAME
FN
FR
CIN
31
36
I
Compressor analog input
CMPR
35
40
I
Compressor rectifier analog input
CO
34
39
O
Compressor analog output. CO should be ac coupled to TXVI and to CMPR.
CTC
32
27
O
Compressor time constant control, analog output. A 220-nF capacitor should be connected between CTC and
GND.
CTI
13
18
I
Call tone analog input. Signals on CTI are summed into the receive voice path prior to the volume control
circuit. CTI can be muted under control of the serial interface.
CVE
33
38
I
Compressor virtual earth, analog input
DAC
7
12
O
Digital-to-analog converter output, programmable between GND and VCC /2 in sixteen steps
DATA
5
10
I
Serial interface digital data input
DCLK
6
11
I
Serial interface digital clock input
ETC
17
22
O
Expander time constant control, analog output. A 220-nF capacitor should be connected between ETC and
GND.
EXIN
16
21
I
Expander analog input
EXO
15
20
O
Expander analog output. EXO should be ac coupled to RXVI.
GND
19
24
Ground
HFO
11
16
O
Normal drive receiver voice analog output
HSO
10
15
O
High drive receiver voice analog output
LIMIN
39
44
I
Transmit limiter analog input
LOAD
43
4
I
Serial interface load, digital input. Data shifted into DATA under control of DCLK is transferred to internal
registers when LOAD goes high.
M1N
25
30
I
Preamplifier 1 negative analog input
M1O
23
28
O
Preamplifier 1 analog output
M1P
24
29
I
Preamplifier 1 positive analog input
M2N
27
32
I
Preamplifier 2 negative analog input
M2O
28
33
O
Preamplifier 2 analog output
M2P
26
31
I
Preamplifier 2 positive analog input
POUT
38
43
O
Preemphasis filter analog output. POUT should be ac coupled to LIMIN.
PSO
42
3
O
Analog output of SAT filter
REF
3
8
Unbuffered midsupply voltage, nominal output VCC /2
RXDO
9
14
O
Receive data filter analog output
RXIN
18
23
I
Receive analog input
RXLIM
8
13
I/O
Receive limiter adjust voltage, controls maximum signal output on HSO. The dc input is between GND and
VCC /2.
RXO
4
9
O
Receive voice filter analog output
RXVI
14
19
I
Receive voice analog input to volume control circuit. RXVI can be muted under control of the serial interface.
ST
12
17
I
Side tone analog input. Signals on this terminal are summed into the HSO output signal.
TDI
29
34
I
Tone of DTMF analog input. Signals on this terminal can be used in place of the main voice signal in the TX
path and summed into the RX voice path, under control of the serial interface.
TXDA
22
27
I
Transmit data analog input
TXLIM
37
42
I
Transmit-limiter level adjust, controls maximum signal level at TXO. The dc input is between GND and VCC /2.
TXO
40
1
O
Transmit section analog output
TXSUM
41
2
I
Transmit summing analog input. The signal on TXSUM is summed into the main TX output after all filter stages.
TXSUM can be muted under control of the serial interface.
TXVI
36
41
I
Transmit voice analog input
TXVO
30
35
O
Transmit voice analog output. TXVO is the output from the preamplifier and microphone gain adjust sections.
It should be ac coupled into the compressor input CIN.
VBRX
2
7
Buffered midsupply voltage to receive sections, nominal output VCC /2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com