Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP54 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BCP54
Description  45 V, 1 A NPN medium power transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP54 Datasheet(HTML) 5 Page - NXP Semiconductors

  BCP54 Datasheet HTML 1Page - NXP Semiconductors BCP54 Datasheet HTML 2Page - NXP Semiconductors BCP54 Datasheet HTML 3Page - NXP Semiconductors BCP54 Datasheet HTML 4Page - NXP Semiconductors BCP54 Datasheet HTML 5Page - NXP Semiconductors BCP54 Datasheet HTML 6Page - NXP Semiconductors BCP54 Datasheet HTML 7Page - NXP Semiconductors BCP54 Datasheet HTML 8Page - NXP Semiconductors BCP54 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
BC635_BCP54_BCX54_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 4 June 2007
5 of 15
NXP Semiconductors
BC635; BCP54; BCX54
45 V, 1 A NPN medium power transistors
FR4 PCB, standard footprint
(1) FR4 PCB, mounting pad for collector 1 cm2
(2) FR4 PCB, standard footprint
Fig 1.
Power derating curve SOT54
Fig 2.
Power derating curves SOT223
(1) FR4 PCB, mounting pad for collector 6 cm2
(2) FR4 PCB, mounting pad for collector 1 cm2
(3) FR4 PCB, standard footprint
Fig 3.
Power derating curves SOT89
Tamb (°C)
−75
175
125
25
075
−25
006aaa085
0.8
0.4
1.2
1.6
Ptot
(W)
0
Tamb (°C)
−75
175
125
25
075
−25
006aaa086
0.8
0.4
1.2
1.6
Ptot
(W)
0
(1)
(2)
Tamb (°C)
−75
175
125
25
075
−25
006aaa087
0.8
0.4
1.2
1.6
Ptot
(W)
0
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com