Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP54 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BCP54
Description  45 V, 1 A NPN medium power transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP54 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BCP54 Datasheet HTML 6Page - NXP Semiconductors BCP54 Datasheet HTML 7Page - NXP Semiconductors BCP54 Datasheet HTML 8Page - NXP Semiconductors BCP54 Datasheet HTML 9Page - NXP Semiconductors BCP54 Datasheet HTML 10Page - NXP Semiconductors BCP54 Datasheet HTML 11Page - NXP Semiconductors BCP54 Datasheet HTML 12Page - NXP Semiconductors BCP54 Datasheet HTML 13Page - NXP Semiconductors BCP54 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
BC635_BCP54_BCX54_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 4 June 2007
10 of 15
NXP Semiconductors
BC635; BCP54; BCX54
45 V, 1 A NPN medium power transistors
VCE =2V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
Fig 10. DC current gain as a function of collector
current; typical values
Fig 11. Collector current as a function of
collector-emitter voltage; typical values
VCE =2V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
IC/IB =10
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Fig 12. Base-emitter voltage as a function of collector
current; typical values
Fig 13. Collector-emitter saturation voltage as a
function of collector current; typical values
006aaa080
100
200
300
hFE
0
IC (mA)
10−1
104
103
1102
10
(1)
(2)
(3)
VCE (V)
0
2.0
1.6
0.8
1.2
0.4
006aaa084
0.8
0.4
1.2
1.6
IC
(A)
0
25
20
15
10
5
IB (mA) = 50
45
40
35
30
006aaa081
0.4
0.8
1.2
VBE
(V)
0
IC (mA)
10−1
104
103
1102
10
(1)
(2)
(3)
006aaa082
10−1
1
VCEsat
(V)
10−2
IC (mA)
10−1
104
103
1102
10
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com