Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6422 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ADS6422
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6422 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ADS6422 Datasheet HTML 7Page - STMicroelectronics ADS6422 Datasheet HTML 8Page - STMicroelectronics ADS6422 Datasheet HTML 9Page - STMicroelectronics ADS6422 Datasheet HTML 10Page - STMicroelectronics ADS6422 Datasheet HTML 11Page - STMicroelectronics ADS6422 Datasheet HTML 12Page - STMicroelectronics ADS6422 Datasheet HTML 13Page - STMicroelectronics ADS6422 Datasheet HTML 14Page - STMicroelectronics ADS6422 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
www.ti.com
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
ELECTRICAL CHARACTERISTICS (continued)
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3V, maximum rated sampling frequency, 50% clock duty cycle, –1dBFS differential analog input, internal reference
mode (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
ADS6445
86
ADS6444
89.5
Fin = 10 MHz
ADS6443
90
ADS6442
91
ADS6445
71
80
ADS6444
78.5
Fin = 50 MHz
ADS6443
75
85.5
ADS6442
77
85.6
ADS6445
84.5
ADS6444
72
86
Total harmonic
THD
Fin = 100 MHz
dBc
distortion
ADS6443
83
ADS6442
80.5
ADS6445
73.5
ADS6444
77
Fin = 170 MHz
ADS6443
78.5
ADS6442
79.5
ADS6445
74
ADS6444
75
Fin = 230 MHz
ADS6443
76
ADS6442
77
ADS6445
11.0
11.7
ADS6443
Fin = 50 MHz
11.1
11.9
Effective number of
ENOB
Bits
bits
ADS6442
11.4
12
ADS6444
Fin = 70 MHz
11.3
11.7
ADS6445
88
ADS6444
90
F1= 46.09 MHz, F2 = 50.09 MHz
ADS6443
96
2-tone
ADS6442
100
IMD
intermodulation
dBFS
ADS6445
86
distortion
ADS6444
88
F1= 185.09 MHz, F2 = 190.09 MHz
ADS6443
93
ADS6442
96
ADS6445
90
ADS6444
92
Near channel
Cross-talk signal frequency = 10 MHz
ADS6443
94
ADS6442
100
Cross-talk
dBc
ADS6445
103
ADS6444
105
Far channel
Cross-talk signal frequency = 10 MHz
ADS6443
106
ADS6442
108
Input overload
Recovery to within 1% (of final value) for 6
1
Clock
All
recovery
dB overload with sine wave input
cycles
AC
Power Supply
< 100 MHz signal, 100 mV pp on AVDD
All
35
dBc
PSRR
Rejection Ratio
supply
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com