Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6422 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ADS6422
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6422 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ADS6422 Datasheet HTML 11Page - STMicroelectronics ADS6422 Datasheet HTML 12Page - STMicroelectronics ADS6422 Datasheet HTML 13Page - STMicroelectronics ADS6422 Datasheet HTML 14Page - STMicroelectronics ADS6422 Datasheet HTML 15Page - STMicroelectronics ADS6422 Datasheet HTML 16Page - STMicroelectronics ADS6422 Datasheet HTML 17Page - STMicroelectronics ADS6422 Datasheet HTML 18Page - STMicroelectronics ADS6422 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
www.ti.com
DEVICE PROGRAMMING MODES
USING PARALLEL INTERFACE CONTROL ONLY
USING SERIAL INTERFACE PROGRAMMING ONLY
USING BOTH THE SERIAL INTERFACE AND PARALLEL CONTROLS
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
ADS644X offers flexibility with several programmable features that are easily configured.
The device can be configured independently using either parallel interface control or serial interface
programming.
In addition, the device supports a third configuration mode, where both the parallel interface and the serial
control registers are used. In this mode, the priority between the parallel and serial interfaces is determined by a
priority table (refer to Table 4). If this additional level of flexibility is not required, the user can select either the
serial interface programming or the parallel interface control.
To control the device using parallel interface, keep RESET tied to high (LVDD). Pins CFG1, CFG2, CFG3,
CFG4, PDN, SEN, SCLK, and SDATA are used to directly control certain functions of the ADC. After power-up,
the device will automatically get configured as per the parallel pin voltage settings (refer to Table 5 to Table 8)
and no reset is required. In this mode, SEN, SCLK, and SDATA function as parallel interface control pins.
Frequently used functions are controlled in this mode—output data interface and format, power down modes,
coarse gain and internal/external reference. The parallel pins can be configured using a simple resistor string as
illustrated in Figure 3.
Table 3 has a description of the modes controlled by the parallel pins.
Table 3. Parallel Pin Definition
PIN
CONTROL FUNCTIONS
SEN
Coarse gain and internal/external reference.
SCLK, SDATA
Sync, deskew patterns and global power down.
PDN
Dedicated pin for global power down
CFG1
1-Wire/2-wire and DDR/SDR bit clock
CFG2
14x/16x Serialization and SDR bit clock capture edge
CFG3
Reserved function. Tie CFG3 to Ground.
CFG4
MSB/LSB First and data format.
In this mode, SEN, SDATA, and SCLK function as serial interface pins and are used to access the internal
registers of ADC. The registers must first be reset to their default values either by applying a pulse on RESET
pin or by a high setting on the <RST> bit (in register ). After reset, the RESET pin must be kept low.
The serial interface section describes the register programming and register reset in more detail.
Since the parallel pins (CFG1-4 and PDN) are not used in this mode, they must be tied to ground. The register
override bit <OVRD> - D10 in register 0x0D has to be set high to disable the control of parallel interface pins in
this serial interface control ONLY mode.
For increased flexibility, a combination of serial interface registers and parallel pin controls (CFG1-4 and PDN)
can also be used to configure the device.
The parallel interface control pins CFG1 to CFG4 and PDN are available. After power-up, the device will
automatically get configured as per the parallel pin voltage settings (refer to Table 5 to Table 11) and no reset is
required. A simple resistor string can be used as illustrated in Figure 3.
SEN, SDATA, and SCLK function as serial interface pins and are used to access the internal registers of ADC.
The registers must first be reset to their default values either by applying a pulse on RESET pin or by a high
setting on the <RST> bit (in register ). After reset, the RESET pin must be kept low.
The Serial Interface section describes the register programming and register reset in more detail.
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com