Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8763 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8763
Description  2/2 or 3/2-way Whisper Valve with media separation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8763 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8763 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Type 6724
4 | 15
Visit product website 
Environment and installation
Installation
As required, preferably with actuator upright
Ambient temperature
FFKM
+ 15 °C…+ 50 °C (59 °F…122 °F)
FKM
0 °C…+ 50 °C (32 °F…122 °F)
EPDM
0 °C…+ 50 °C (32 °F…122 °F)
FFKM HCR
+ 15 °C…+ 50 °C (59 °F…122 °F)
1.) The service life depends on the medium, temperature, pressure, sealing material and individual operating conditions.
2.) May be higher with impulse version. < 20 dB(A) with optional soft-close electronics only possible in conjunction with standard valve.
3.) Measurement at 2 bar and + 20 °C at the valve outlet acc. to DIN ISO 12238:2001
4.) Max. housing temperature must not exceed 110 °C. In continuous operation care must be taken to ensure sufficient heat dissipation (convection) at the metal surface of the
valve. Overheating of the valve can lead to damage.
5.) No further power reduction possible
6.) Reduced shifting performance at 15 °C
7.) Please order socket with flying leads separately (see “7.4. Ordering chart accessories” on page 13).
Other suitable connectors are, for example W+P: Series 521 (socket 521S- 02 - 1; contact 521S- 01 - 2 - 00) or JST (socket PHR- 2; contact SPH- 002GW-P0.5S), version
04/2015). As a PCB connector we recommend a pin size of 0.5 x 0.5 mm, grid size 2 mm and a maximum size of the connector of 4.9 x 2.5 mm. E.g. Samtec SQT- 102 - 01-
x-S (x=L or F) or W+P Series 257 Part No. 257 - 002 - 1 - 50 - 00 - 6.
1.2. Medium pressure
Circuit function
Orifice
Pressure range under [bar]
Max. differential pressure
[mm]
NC
COM
NO
[bar]
CF A
2/2-way solenoid valve
Direct-acting
Normally closed
NC
0.8
Vac…5 1.)2.)
N/A
– 2.)3.)
5
1.2
Vac…3 1.)
N/A
– 2.)3.)
3
1.2 (with boost
electronics 4.))
Vac…7 1.)
N/A
– 2.)3.)
7
1.2 (with seal material
FFKM HCR)
Vac…2 1.)
N/A
– 2.)3.)
2
CF B
2/2-way solenoid valve
Direct-acting
Normally open
NO
0.8
0…3 1.)3.)
N/A
Vac…5
5
1.2
– 1.)2.)3.)
N/A
Vac…2
2
CF P
2/2-way impulse solenoid valve
Direct-acting
NC
1.2
Vac…2 1.)
N/A
– 2.)3.)
2
CF S
3/2-way impulse solenoid valve
Direct-acting
Flow direction unrestricted
NC
NO
1.2
Vac…2 1.)
0…2 3.)
Vac…2
2
CF T
3/2-way solenoid valve
Direct-acting
Flow direction optional
Universal
NC
NO
0.8
Vac…5 1.)
0…3 3.)
Vac…5
5
1.2
Vac…2 1.)
0…2 3.)
Vac…2
2
1.2
(with boost electronics 4.))
Vac…7 1.)
0…5 3.)
Vac…2
7
1.) Connect technical vacuum (- 0.8 bar) to NC or NO. If vacuum is connected to (COM/OUT), significantly reduced flow must be expected.
2.) Up to 2 bar, the flow direction is permissible even against the specification.
3.) Low vacuum due to back pressure at media flow permissible. In case of continuous operation with higher vacuum, there is a risk of flow reduction. In case of doubt, please
contact your Bürkert sales office.
4.) For information on the optional boost electronics see chapter “7.4. Ordering chart accessories” on page 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com