Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8763 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 8763
Description  2/2 or 3/2-way Whisper Valve with media separation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8763 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 8763 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Type 6724
12 | 15
Visit product website 
7.3. Ordering chart
Standard version
Note:
• Please order plug connector with lead or electronic separately (see “7.4. Ordering chart accessories” on page 13).
• Including mounting screws for the following port connections:
Bürkert sub-base (9 x 26): M2x10-TORX T6-A2
Bürkert sub-base (26 x 57) horizontal: M2x6-TORX T6-A2
• Mounting screws M1.6x8-ISK for replacing Type 6604 with Type 6724 available on request.
Circuit
function
Port
connection
Orifice Q
Nn
value
air 2.)
K
V
value
water 1.)
C
V
value
water
Voltage/
frequency
Pressure
range 3.)
Max.
pressure
difference
Body
material
Seal
material
Article no.
[mm]
[l/min]
[m3/h]
[gpm]
[V]
[bar]
[bar]
CF A
2/2-way solenoid
valve
Direct-acting
Normally closed
NC
Bürkert sub-
base (9 x 26)
0.8
10.7
0.01
0.012
24
Vac…5
5
PEEK
FFKM
299245 
PPS
FKM
299248 
EPDM
299247 
UNF ¼"- 28
10.7
0.01
0.012
24
Vac…5
5
PEEK
FFKM
299246 
Tube
connector
10.7
0.01
0.012
24
Vac…5
5
PEEK
FFKM
382088 
EPDM
382643 
Bürkert sub-
base
(26 x 57)
horizontal
10.7
0.01
0.012
24
Vac…5
5
PPS
EPDM
20069044 
Bürkert sub-
base (9 x 26)
1.2
28
0.026
0.03
24
Vac…3
3
PEEK
FFKM
281506 
PPS
FKM
281936 
EPDM
281934 
UNF ¼"- 28
28 4.)
0.026 4.)
0.03 4.)
24
Vac…3
3
PEEK
FFKM
281933 
12
FKM
295793 
Bürkert sub-
base (9 x 26)
28
0.026
0.03
24
Vac…2
2
PEEK
FFKM
HCR
20048280 
UNF ¼”- 28
28 4.)
0.026 4.)
0.03 4.)
24
Vac…2
2
PEEK
FFKM
HCR
20075595 
CF B
2/2-way solenoid
valve
Direct-acting
Normally open
NO
Bürkert sub-
base (9 x 26)
1.2
28
0.026
0.03
24
Vac…2
2
PEEK
FFKM
281507 
CF T
3/2-way solenoid
valve
Direct-acting
Flow direction
optional
Universal
NC
NO
Bürkert sub-
base (9 x 26)
0.8
10.7
0.01
0.012
24
0…3 5.)
5
PEEK
FFKM
299249 
PPS
FKM
299252 
12
EPDM
299279 
24
299251 
UNF ¼"- 28
10.7
0.01
0.012
24
0…3 5.)
5
PEEK
FFKM
299250 
Tube
connector
10.7
0.01
0.012
24
0…3 5.)
5
PEEK
FFKM
382082 
EPDM
382644 
Bürkert sub-
base (26 x 57)
horizontal
10.7
0.01
0.012
24
0…3 5.)
5
PPS
FKM
20069046 
EPDM
20069045 
Bürkert sub-
base (9 x 26)
1.2
28
0.026
0.03
12
Vac…2
2
PEEK
FFKM
295322 
24
FFKM
276458 
PPS
FKM
281937 
EPDM
281935 
UNF ¼"- 28
28 4.)
0.026 4.)
0.03 4.)
24
Vac…2
2
PEEK
FFKM
280888 
Bürkert sub-
base (9 x 26)
28 4.)
0.026 4.)
0.03 4.)
24
Vac…2
2
PEEK
FFKM
HCR
20075596 
UNF ¼”- 28
28 4.)
0.026 4.)
0.03 4.)
24
Vac…2
2
PEEK
FFKM
HCR
20054962 
1.) Measurement at 1 bar and + 20 °C at the valve inlet and free outlet
2.) Converted to standard conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com