Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML1565 Datasheet(PDF) 12 Page - Minilogic Device Corporation Limited

Part # ML1565
Description  Step-Up-Down DC-DC Converts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1565 Datasheet(HTML) 12 Page - Minilogic Device Corporation Limited

Back Button ML1565 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 12Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 13Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 14Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 15Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 16Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
P12/21
Rev. C, Sep 2005
ML1565
Detailed Description (3)
Maximum Duty Cycle
The ML1565 auxiliary PWM controllers have a guaranteed
maximum duty cycle of 80%. That is to say that all
controllers can achieve at least 80% and typically reach
85%. In boost designs that employ continuous current, the
maximum duty cycle limits the boost ratio such that:
1-VIN / VOUT ≤ 80%
With discontinuous inductor current, no such limit exists
for the input/output ratio since the inductor has time to fully
discharge before the next cycle begins.
Fault Protection
The ML1565 has robust fault and overload protection.
After power-up, the device is set to detect an out-of
regulation state that could be caused by an overload or
short, If any DC-to-DC converter channel (step-up.
Step-down, or any of the auxiliary controllers) remains
faulted for 100,000 clock cycles, then ALL outputs latch off
until the step-up DC-to-DC converter is reinitialized by the
ONSU pin, or by cycling of input power. The fault-detection
circuitry for any channel is disabled during its initial turn-on
soft-start sequence.
Note that output of the step-up, or that of any auxiliary
channel set up in boost configuration, does not fall to 0V
during shutdown or fault. This is due to the current path
from the battery to the output that remains even when the
channel is off. This path exists through the boost inductor
and the synchronous rectifier body diode. An auxiliary
boost channel falls to the input voltage minus the rectifier
drop during fault and shutdown. OUTSU falls to the input
voltage minus the synchronous rectifier body diode drop
during shutdown, and also during fault if the input voltage
exceeds 2.5V. If the input voltage is less than 2.5V,
OUTSU remains at 2.5V due to operation of the startup
oscillator, but can source only limited current.
Reference
The ML1565 has internal 1.250V reference. Connect a
0.1µF ceramic bypass capacitor from REF to GND within
0.2in (5mm) of the REF pin. REF can source up to 200µA
and is enabled whenever ONSD is high and OUTSD is
above 2.5V. If the application requires that REF be loaded
beyond 200µA, it may be buffered with a unity-gain
amplifier or op amp.
Oscillator
All ML1565 DC-to-DC converter channels employ fixed
frequency PWM operation. The operating frequency is set
by an RC network at the OSC pin, The range of usable
setting is 100kHz to 1MHz.
The oscillator uses a comparator, a 300ns one-shot, and
an internal N-FET switch in conjunction with an external
timing resistor and capacitor (Figure 4). When the switch is
open, the capacitor voltage exponentially approaches the
step-up output voltage from zero with a time constant given
by the Rosc Cosc product. The comparator output switches
high when the capacitor voltage reaches VREF(1.25V). In
turn, the one-shot activates the internal MOSFET switch to
discharge the capacitor within a 300ns interval, and the
cycle repeats. Note that the oscillation frequency changes
as the main output voltage ramps upward following startup.
The oscillation frequency is constant once the main output
is in regulation.
Figure 4 Master Oscillator
ML1565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com