Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML1565 Datasheet(PDF) 16 Page - Minilogic Device Corporation Limited

Part # ML1565
Description  Step-Up-Down DC-DC Converts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1565 Datasheet(HTML) 16 Page - Minilogic Device Corporation Limited

Back Button ML1565 Datasheet HTML 12Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 13Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 14Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 15Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 16Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 17Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 18Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 19Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 20Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
P16/21
Rev. C, Sep 2005
ML1565
Design Procedure (4)
Step-Down Component Selection
Step-Down Inductor
The external components required for the step-down are
an inductor, input and output filter capacitors, and
compensation RC network. The ML1565 step-down
converter provides best efficiency with continuous inductor
current. A reasonable inductor value (LIDEAL) can be
derived from:
LIDEAL = 2(VIN) D (1-D) / (IOUT fOSC)
which sets the peak-to-peak inductor current at 1/2 the DC
inductor current. D is the duty cycle:
D = VOUT / VIN
Given LIDEAL, the peak-to-peak inductor current variation is
0.5 IOUT. The absolute peak inductor current is 1.25 IOUT.
Inductance values smaller than LIDEAL can be used to
reduce inductor size. However, if much smaller values are
used,
inductor
current
rises
and
a
large
output
capacitance may be required to suppress output ripple.
Larger values than LIEDAL can be used to obtain higher
output current, but with typical larger inductor size.
Step-Down Compensation
The relevant characteristics for step-down compensation
are:
1)
Transconductance (from FBSD to COMPSD), gmEA
(135µS)
2)
Step-down slope compensation pole,
PSLOPE = VIN / (π L)
3)
Current-sense amplifier transresistance,Rcs, (0.6V/A)
4)
Feedback regulation voltage, VFB(1.25V)
5)
Step-down output voltage, VSD, in V
6)
Output load equivalent resistance,
RLOAD in Ω = VOUTSD / ILOAD
The key steps for step-down compensation are:
1)
Set the compensation RC zero to cancel the RLOAD
COUT pole.
2)
Set the loop crossover below the lower of 1/5 the
slope compensation pole, or 1/5 the switching
frequency.
If we assume VIN = 3.35V, VOUT = 1.5V, and
IOUT = 350mA, then RLOAD = 4.3Ω
If we select L = 4.7µH and fOSC = 440kHz,
PSLOPE = VIN / (
πL) = 214kHz, so choose fc = 40kHz and
calculate Cc:
Cc = (VFB / VOUT)(RLOAD / RCS) (gm / 2π fc)
=(1.25/1.5)(4.3/0.6) x (135µS/(6.28 x 40kHz))
= 3.2nF
Choose 3.3nF. Now select Rc such that transient droop
requirements are met. For example, if 4% transient droop
is allowed, the input to the error amplifier moves 0.04 x
1.25V, or 50mV. The error amp output drives 50mV x
135µS, or 6.75µA across Rc to provide transient gain.
Since the current-sense transresistance is 0.6V/A, the
value of Rc that allows the required load step swing:
RC=0.6 IIND(PK) / 6.75µA
In a step-down DC-to-DC converter, if LIDEAL is used, output
current relates to inductor current by:
IIND(OK) = 1.25 IOUT
Thus, for a 250mA output load step with VIN = 3.35V and
VOUT = 1.5V:
Rc = (1.25 x 0.6 x 0.25) / 6.75µA = 27.8kΩ
Choose 27kΩ. Note that the inductor does not limit the
response in this case since it can ramp at
(VIN-VOUT)/4.7µH, or (3.35 – 1.5)/4.7µH = 394mA/µs
The output filter capacitor is then chosen so that the
COUTRLOAD pole cancels the RcCc zero:
COUTRLOAD = RcCc
For example: COUT = 27kΩ x 3.3nF / 4.3 = 20.7µF
Choose 22µF. If the output filter capacitor has significant
ESR, a zero occurs at:
ZESR = 1 / (2πCOUTRESR)
If ZESR > fc, it can be ignored, as is typically the case with
ceramic output capacitors. If ZESR is less than fc, it should
be cancelled with a pole set by capacitor Cp connected
from COMPAD to GND.
Cp = COUTRESR / Rc
If Cp is calculated to be < 10pF, it can be omitted.
Auxiliary Controller Component Selection
Diode
For most auxiliary applications, a Schottky diode rectifies
the output voltage. The Schottky diode’s low forward
voltage
and
fast
recovery
time
provide
the
best
performance in most applications. Silicon signal diodes
(such as 1N4148) are sometimes adequate in low-current
(<10mA) high-voltage (>10V) output circuits where the
output voltage is large compared to the diode forward
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com