Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRSCN Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # DRSCN
Description  DIN RAIL MOUNTABLE SOCKETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DRSCN Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  DRSCN Datasheet HTML 1Page - Sensata Technologies, Inc. DRSCN Datasheet HTML 2Page - Sensata Technologies, Inc. DRSCN Datasheet HTML 3Page - Sensata Technologies, Inc. DRSCN Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
www.sensata.com
Copyright © 2021 Sensata Technologies, Inc.
ACCESSORIES
ID Marker Strips CNLB, CNLN, CNL2
Blank Strips
Part no.: CNLB
A package of 10 plastic strips comprising 10 individual unprinted markers which can be
placed on sockets’ terminal block for easy identification during the use of multiple units.
Numbered 1 to 10 Strips
Part no.: CNLN
A package of 10 plastic strips comprising 10 markers printed individually from 1 to 10
which can be placed on sockets’ terminal block for easy identification during the use of
multiple units.
Numbered 11 to 20 Strips
Part no.: CNL2
A package of 10 plastic strips comprising 10 markers printed individually from 11 to 20
which can be placed on sockets’ terminal block for easy identification during the use of
multiple units.
AGENCY APPROVALS & CERTIFICATIONS
(1)
Note Installing a CN Series relay in a socket that does not have matching input/output specs may result in non-operation or
damage to either the raly, socket or both.
(2)
Not Maximum output rating for DRSCN socket is 250 V, 6 A regardless of chosen SSR.
GENERAL NOTES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com