Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRSCN Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # DRSCN
Description  DIN RAIL MOUNTABLE SOCKETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DRSCN Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  DRSCN Datasheet HTML 1Page - Sensata Technologies, Inc. DRSCN Datasheet HTML 2Page - Sensata Technologies, Inc. DRSCN Datasheet HTML 3Page - Sensata Technologies, Inc. DRSCN Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
www.sensata.com
Copyright © 2021 Sensata Technologies, Inc.
| DRSCN SERIES
DIN RAIL MOUNTABLE SOCKETS
SPECIFICATIONS
Features
Product Selection
• 6.2mm Din Rail (35mm) Mount Socket
• LED input status indicator
• Compatible with CN Series SSR
• UL & cUL recognized
• CE & RoHS Compliant
Control Voltage
Part Number
4-30 VDC
DRSCN30
3-12 VDC
DRSCN05
15-30 VDC
DRSCN24
Control Voltage
DRSCN30
DRSCN05
DRSCN24
CN024D05
•
•
CN024D24
•
•
CN048D05
•
•
CN048D24
•
•
CN100D05
•
•
CN100D24
•
•
CN240A05
•
•
CN240A24
•
•
Relay/Socket Compatibility (1)(2)


Similar Part No. - DRSCN

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRSCN CRYDOM-DRSCN Datasheet
641Kb / 4P
DIN Rail Mount
DRSCN05 CRYDOM-DRSCN05 Datasheet
754Kb / 4P
DIN rail mount
DRSCN05 CRYDOM-DRSCN05 Datasheet
641Kb / 4P
DIN Rail Mount
DRSCN24 CRYDOM-DRSCN24 Datasheet
754Kb / 4P
DIN rail mount
DRSCN24 CRYDOM-DRSCN24 Datasheet
641Kb / 4P
DIN Rail Mount
More results

Similar Description - DRSCN

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
NES120 LAMBDA-NES120 Datasheet
674Kb / 3P
DIN rail mountable type 30 ~ 240W
logo
Chinfa Electronics Ind....
DRP10 CHINFA-DRP10 Datasheet
156Kb / 3P
10A DIN RAIL MOUNTABLE REDUNDANT MODULE
DRP20 CHINFA-DRP20 Datasheet
299Kb / 3P
20A DIN RAIL MOUNTABLE REDUNDANT MODULE
logo
TDK Electronics
NES240-24 TDK-NES240-24 Datasheet
259Kb / 3P
DIN rail mountable
logo
List of Unclassifed Man...
84115501 ETC2-84115501 Datasheet
520Kb / 4P
DIN-Rail Mountable Single Point Input Modules
OT08-PC ETC2-OT08-PC Datasheet
87Kb / 1P
8 and 11 Pin Octal Sockets, DIN Rail Mountable
ST11-PC ETC2-ST11-PC Datasheet
79Kb / 1P
8 and 11 Pin Square Base Sockets, DIN Rail Mountable
logo
Powerbox
PBDRP10 POWERBOX-PBDRP10 Datasheet
44Kb / 1P
10A REDUNDANT MODULE DIN RAIL MOUNTABLE
PBDRP20 POWERBOX-PBDRP20 Datasheet
51Kb / 1P
20A REDUNDANT MODULE DIN RAIL MOUNTABLE
logo
Weidmuller
6720005430 WEIDMULLER-6720005430 Datasheet
902Kb / 6P
AC Outlet DIN-Rail Mountable Receptacles
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com