Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL3103LPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRL3103LPBF
Description  HEXFET짰 Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3103LPBF Datasheet(HTML) 1 Page - International Rectifier

  IRL3103LPBF Datasheet HTML 1Page - International Rectifier IRL3103LPBF Datasheet HTML 2Page - International Rectifier IRL3103LPBF Datasheet HTML 3Page - International Rectifier IRL3103LPBF Datasheet HTML 4Page - International Rectifier IRL3103LPBF Datasheet HTML 5Page - International Rectifier IRL3103LPBF Datasheet HTML 6Page - International Rectifier IRL3103LPBF Datasheet HTML 7Page - International Rectifier IRL3103LPBF Datasheet HTML 8Page - International Rectifier IRL3103LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRL3103SPbF
IRL3103LPbF
HEXFET® Power MOSFET
04/19/04
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.6
RθJA
Junction-to-Ambient (PCB mount)**
–––
40
Thermal Resistance
www.irf.com
1
VDSS = 30V
RDS(on) = 12mΩ
ID = 64A
S
D
G
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
64
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
45
A
IDM
Pulsed Drain Current

220
PD @TC = 25°C
Power Dissipation
94
W
Linear Derating Factor
0.63
W/°C
VGS
Gate-to-Source Voltage
± 16
V
IAR
Avalanche Current

34
A
EAR
Repetitive Avalanche Energy

22
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
AdvancedHEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to
achieve extremely low on-resistance per silicon area.
This benefit, combined with the fast switching speed and
ruggedized device design that HEXFET power MOSFETs
are well known for, provides the designer with an
extremely efficient and reliable device for use in a wide
variety of applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of its
low internal connection resistance and can dissipate up to
2.0W in a typical surface mount application.
The through-hole version (IRL3103L) is available for low-
profile applications.
l Advanced Process Technology
l Surface Mount (IRL3103S)
l Low-profile through-hole (IRL3103L)
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Lead-Free
Description
D2Pak
IRL3103S
TO-262
IRL3103L
°C/W
PD - 95150


Similar Part No. - IRL3103LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3103L IRF-IRL3103L Datasheet
125Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRL3103L IRF-IRL3103L Datasheet
158Kb / 10P
HEXFET Power MOSFET
More results

Similar Description - IRL3103LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
HEXFET짰 Power MOSFET
IRF9510PBF IRF-IRF9510PBF Datasheet
1Mb / 8P
HEXFET짰 Power MOSFET
IRF820PBF IRF-IRF820PBF Datasheet
3Mb / 7P
HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com