Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL3103LPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRL3103LPBF
Description  HEXFET짰 Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3103LPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRL3103LPBF Datasheet HTML 2Page - International Rectifier IRL3103LPBF Datasheet HTML 3Page - International Rectifier IRL3103LPBF Datasheet HTML 4Page - International Rectifier IRL3103LPBF Datasheet HTML 5Page - International Rectifier IRL3103LPBF Datasheet HTML 6Page - International Rectifier IRL3103LPBF Datasheet HTML 7Page - International Rectifier IRL3103LPBF Datasheet HTML 8Page - International Rectifier IRL3103LPBF Datasheet HTML 9Page - International Rectifier IRL3103LPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRL3103S/LPbF
10
www.irf.com
Data and specifications subject to change without notice.
This product has been designed and qualified for the industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.04/04
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
3
4
4
TR R
F EE D D IRE CT IO N
1.8 5 (.073)
1.6 5 (.065)
1.60 (.063 )
1.50 (.059 )
4.10 (.161)
3.90 (.153)
TR L
F EE D D IRE CTIO N
10.9 0 (.42 9)
10.7 0 (.42 1)
16 .1 0 (.6 3 4 )
15 .9 0 (.6 2 6 )
1.7 5 (.069 )
1.2 5 (.049 )
1 1 .6 0 (.457 )
1 1 .4 0 (.449 )
15.4 2 (.609 )
15.2 2 (.601 )
4.72 (.1 3 6)
4.52 (.1 7 8)
24 .3 0 (.95 7)
23 .9 0 (.94 1)
0.36 8 (.01 45 )
0.34 2 (.01 35 )
1.60 (.0 6 3 )
1.50 (.0 5 9 )
13.50 (.5 3 2 )
12.80 (.5 0 4 )
330.00
(14.173)
MAX.
27.4 0 (1.0 7 9 )
23.9 0 (.9 4 1 )
60.00 (2.36 2 )
M IN .
30.40 (1.197 )
M A X .
26 .40 (1.03 9)
24 .40 (.961 )
NO T E S :
1. C O M F O R M S T O EIA-418.
2 . CO N T RO L L IN G DIM ENSIO N: M IL L IM ET E R .
3 . D IM E NSIO N M EA S UR ED @ HUB .
4 . IN C L U D ES F L A N GE D IS T OR T ION @ OU T E R ED G E .



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com