Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2012 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  AirLINEthe valve island optimised for process automation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 2012 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Type 8652
10 | 21
Visit product website 
5.3. Fieldbus interface
Note:
CANopen requires 2 terminating resistors: one at the beginning of the network and one at the end. An indicator of the correct bus schedul-
ing is the resistance between CAN_H and CAN_L when the power is switched off. This should be approx. 60 Ω.
CANopen/büS – Spring terminal 5-pin
Colour
Assignment
Red
24 V DC
White
CAN_H (büS connection)
Green
SHIELDING
Blue
CAN_L (büS connection)
Black
GND
Industrial Ethernet RJ45 – Interface X1 and X2
Pin
Assignment
1
2
3
4
5
6
7
8
1
2
6
3
7
4
8
5
9
1
TX+
2
TX-
3
RX+
4
N.C.
5
N.C.
6
RX-
7
N.C.
8
N.C.
PROFIBUS DPV1 D-Sub 9 – D-Sub 9-pin female
Pin
Assignment
1
2
3
4
5
6
7
8
1
2
6
3
7
4
8
5
9
1
SHIELDING
2
M24 (optional)
3
RxD/TxD-P (B-line)
4
CNTR-P (optional)
5
DGND
6
+ 5 V (supply for termination resistor)
7
+ 24 V (optional)
8
RxD/TxD-N (A-line)
9
CNTR-N (optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com