Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2012 Datasheet(PDF) 19 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  AirLINEthe valve island optimised for process automation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 19 Page - Christian Bürkert GmbH & Co. KG

Back Button 2012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Type 8652
19 | 21
Visit product website 
Circuit function
Orifice
Q
Nn value
1.)
Air
Pressure
range
Switching times
Voltage/
Frequency
Article no. 2.)
incl. screw
Opening
Closing
[mm]
[l/min]
[bar]
[ms]
[ms]
[V/Hz]
N (CF N)
5/3-way solenoid valve
With manual override
In middle position ports 2 and 4
exhausted
14
12
4
2
5 1 3
4
300
Vac....10 3.)
3…10
20
20
24 V DC
301381 
Dummy valve
335779 
1.) Approx. 3 % flow reduction for Hot Swap function
2.) The valves are components or spare parts of the Type 8652 Valve Terminal and can only be used on the Type 8652 Valve Terminal.
3.) Separate auxiliary pilot air min. 3 bar. Please observe the pilot pressure table in the operating instructions Type 8652 .
Solenoid valve Type 6534 SIA variant (2nd port for shutdown)
Note:
Further information about this product version can be found in chapter “7.3. Valves Type 6534 for safety-related shut-off, SIA variant
(optional)” on page 14.
Circuit function
Orifice
Q
Nn value
1.)
Air
Pressure
range
Switching times
Voltage/
Frequency
Article no. 2.)
incl. screw
Opening Closing
[mm]
[l/min]
[bar]
[ms]
[ms]
[V/Hz]
C (CF C)
2 x 3/2-way solenoid valve
Servo-controlled
Normally closed
4
1
5
14
2
1
3
12
4
270 l/min
Vac....10 3.)
3…10
15
15
24 V DC
338802 
H (CF H)
5/2-way solenoid valve
Servo-controlled
Pressure applied via port (1), therefore
one of the two ports (2) or (4) is under
pressure.
14
12
4
2
5 1 3
4
290 l/min
Vac....10 3.)
3…10
20
25
24 V DC
338805 
L (CF L)
5/3-way solenoid valve
In middle position all ports locked
14
12
4 2
5 1 3
4
275 l/min
Vac....10 3.)
3…10
15
15
24 V DC
346830 
1.) Approx. 3 % flow reduction for Hot Swap function
2.) The valves are components or spare parts of the Type 8652 Valve Terminal and can only be used on the Type 8652 Valve Terminal.
3.) Separate auxiliary pilot air min. 3 bar. Please observe the pilot pressure table in the operating instructions Type 8652 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com