Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8741 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8741
Description  Mass flow controller (MFC)/mass flow meter (MFM) for gases
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8741 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8741 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Type 8741
4 | 24
Visit product website 
1.
General technical data
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 6.
Materials
Seal
FKM or EPDM (depending on gas)
Housing
PC (polycarbonate)
Base block
Aluminium or stainless steel 1.4404/316L
Total weight
Approx. 500 g (aluminium base block)
Configuration management
Further information can be found in chapter “8.3. Configuration management for easy
device replacement” on page 23.
LED display 1.)
RGB LED according to NAMUR NE107
Performance data
Nominal flow range (Q
N)
10 ml/min…160 l/min (N
2)
Maximum operating pressure
(overpressure to atmospheric pressure)
MFM: 10 bar
For MFCs, the maximum operating pressure depends on the medium and nominal valve
size
Measuring accuracy 2.)
± 0.8 % of reading ± 0.3 % FS (under calibration conditions)
Repeatability
± 0.1 % FS
Measuring span
1:50, optional 1:100
Settling time (MFC)/Response time (MFM) (t
95 %)
< 300 ms
Control valve (proportional valve)
Normally closed
Valve orifice
0.05…8 mm
K
VS value range
0.00006…1.1 m3/h
Electrical data
Operating voltage
24 V DC
Power consumption 3.)
1…3 W (as MFM)
Max. 3…19.5 W (as MFC, depending on type of solenoid control valve)
Residual ripple
± 2 %
Voltage tolerance
± 10 %
Electrical connection
büS/CANopen variant
Terminal block, 4-pin
Analogue variant
D-Sub 9 4.) or terminal block, 6-pin
Industrial Ethernet variant
2 x RJ45 (switch) 5.)
Modbus RTU variant
D-Sub, 9-pin
Medium data
Operating medium
Neutral, pure gases (others on request)
Calibration medium
Operating medium or air
Medium temperature
- 10 °C…+ 70 °C (- 10 °C…+ 60 °C with oxygen)
Process/Port connection & communication
Analogue interface
4…20 mA, 0…20 mA, 0…10 V or 0…5 V
Input impedance > 20 kΩ (voltage) resp. < 300 Ω (current)
Maximum current: 10 mA (voltage output)
Maximum load: 600 Ω (current output)
Digital communication interface
büS/CANopen, Modbus RS485/RTU list 0 and list 1, Industrial Ethernet: EtherCAT®,
EtherNet/IP, Modbus TCP, PROFINET
Port connection
NPT ¼, G ¼, sub-base, compression fitting or vacuum fitting (others on request)
Approvals and conformities
Protection class
IP20
Material certificate
Material certificate 3.1 (on request)
North America (USA/Canada)
Further information can be found in chapter “2.4. North America (USA/Canada)” on
page 5.
Foods and beverages/Hygiene
Further information can be found in chapter “2.5. Foods and beverages/Hygiene” on
page 5.
Oxygen
Further information can be found in chapter “2.6. Oxygen” on page 6.
Environment and installation
Installation position
Horizontal or vertical
Ambient temperature
- 10…+ 50 °C (higher temperatures on request)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com