Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8741 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8741
Description  Mass flow controller (MFC)/mass flow meter (MFM) for gases
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8741 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8741 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Visit product website 
DATA SHEET
Type 6013
Plunger valve 2/2-way
direct-acting
Type 6027
Direct-acting 2/2-way
plunger valve
Type 0330
Direct-acting 2/2 or
3/2-way pivoted armature
valve
Type ME43
Fieldbus gateway
Standard | EU | en | 2024-03-06 | 26
Mass flow controller (MFC)/mass flow meter (MFM) for
gases
• Nominal flow ranges from 0.010 l/min to 160 l/min
• High accuracy and repeatability
• Very fast response times
• Simple device exchange due to configuration memory
• Optional: USP Class VI, FDA, EC 1935 compliant
The Type 8741 mass flow controller (MFC)/mass flow meter (MFM) for gases is
suitable for a variety of applications and is available with Industrial Ethernet, ana-
logue or fieldbus interfaces. The variant with CANopen-based Bürkert Systembus
(büS) is suitable for integration into existing CANopen networks or (in combination
with the Type ME43 fieldbus gateway) for integration into all common industry
standards for Industrial Ethernet and/or fieldbus. The latter option is tailor-made for
applications with many control loops. Up to 32 MFCs/MFMs can be connected to
one fieldbus gateway. Type ME43 transmits the internal CANopen-based commu-
nication to Industrial Ethernet and fieldbus standards. The mass flow controller/
mass flow meter can always switch between büS and CANopen communication.
Type 8741 can be configured as an MFM or an MFC according to demand. Further-
more a Modbus RTU variant is available as well. Optionally, up to four calibration
curves can be stored in the device. The thermal MEMS sensor is located directly in
the gas stream and therefore achieves very fast response times. As actuator, a
Bürkert direct-acting proportional valve guarantees high response sensitivity.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8741
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8741

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8741 BELDEN-8741 Datasheet
157Kb / 2P
Electronic, 2 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
logo
Christian Bürkert GmbH ...
8741 BURKERT-8741 Datasheet
1Mb / 11P
I/O module, IP20
13.04.2023
8741 BURKERT-8741 Datasheet
1,009Kb / 9P
Single phase primary switched power supply
01.10.2019
logo
Belden Inc.
8741.0601000 BELDEN-8741.0601000 Datasheet
157Kb / 2P
Electronic, 2 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8741.0605000 BELDEN-8741.0605000 Datasheet
157Kb / 2P
Electronic, 2 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
More results

Similar Description - 8741

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AWM720P1 SENSORTECHNICS-AWM720P1 Datasheet
81Kb / 4P
Mass flow sensor for gases
AWM2150V SENSORTECHNICS-AWM2150V Datasheet
172Kb / 6P
Mass flow sensor for gases
AWM3150V SENSORTECHNICS-AWM3150V Datasheet
205Kb / 6P
Mass flow sensor for gases
AWM42300V SENSORTECHNICS-AWM42300V Datasheet
198Kb / 6P
Mass flow sensor for gases
AWM43300V SENSORTECHNICS-AWM43300V Datasheet
109Kb / 4P
Mass flow sensor for gases
AWM92100V SENSORTECHNICS-AWM92100V Datasheet
162Kb / 6P
Mass flow sensor for gases
FBAM030DU SENSORTECHNICS-FBAM030DU Datasheet
101Kb / 5P
Mass flow sensors for gases
FBOM030DB SENSORTECHNICS-FBOM030DB Datasheet
178Kb / 6P
Mass flow sensors for gases
FDUM200DB SENSORTECHNICS-FDUM200DB Datasheet
163Kb / 6P
Mass flow sensors for gases
FHAL200DU SENSORTECHNICS-FHAL200DU Datasheet
88Kb / 4P
Mass flow sensors for gases
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com