Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8763 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8763
Description  Pressure controller for precise time-pressure dosing
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8763 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8763 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Type 8763
7 | 13
Visit product website 
4.
Device/Process connections
4.1. Electrical connections
Digital
1 3 5
2 4 6
A
B C D
Analog
1 3 5 7 9 11
2 4 6 8 10 12
A
B
No. Value
A
GND (input)
B
CAN low
C
CAN high
D
18…35 V DC
1
DO1 12 V DC switchable e.g. pump
2
GND
3
Output voltage 12 V DC sensor supply
4
GND
5
AI1 (external sensor input)
6
GND
No. Value
No. Value
A
CAN high (Service büS)
6
GND
B
CAN low (Service büS)
7
Output voltage 12 V DC
sensor supply
1
18…35 V DC
8
GND
2
GND (input)
9
AI1 Analog In for
sensor e.g. pump control
3
DO2 (Binary output)
10 GND
4
GND (Binary output)
11 AI2 Analog In for set
pressure specification
5
DO1 12 V DC switchable
e.g. pump
12 GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com