Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8763 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 8763
Description  Pressure controller for precise time-pressure dosing
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8763 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 8763 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Type 8763
12 | 13
Visit product website 
6.3. Ordering chart
Note:
All electrical plugs are included in the scope of delivery.
Pressure range
Nominal size control valve1.)
Electrical connection
Fluidic connection
Article no.
[bar (Psi)]
[mm]
Input/Output
0.006…0.35 (0.087…5.08) 0.1
Analog
G ⅛ / UNF¼…28
318289 
0.006…0.35 (0.087…5.08) 0.1
Digital
G ⅛ / UNF¼…28
318288 
0.02…1 (0.3…14.5)
0.3
Analog
G ⅛ / UNF¼…28
318292 
0.02…1 (0.3…14.5)
0.3
Digital
G ⅛ / UNF¼…28
318290 
0.04…2 (0.6…29.0)
0.3
Analog
G ⅛ / UNF¼…28
318293 
0.04…2 (0.6…29.0)
0.3
Digital
G ⅛ / UNF¼…28
318291 
0.006…0.35 (0.087…5.08) 0.1
Analog
Flange pattern FB51
381013 
0.006…0.35 (0.087…5.08) 0.1
Digital
Flange pattern FB51
381012 
0.02…1 (0.3…14.5)
0.3
Analog
Flange pattern FB51
381018 
0.02…1 (0.3…14.5)
0.3
Digital
Flange pattern FB51
381015 
0.04…2 (0.6…29.0)
0.3
Analog
Flange pattern FB51
381019 
0.04…2 (0.6…29.0)
0.3
Digital
Flange pattern FB51
381017 
0.2…5  (2.9…72.5)
0.3
Digital
Flange pattern FB51
393266 
1.) Other versions on request
6.4. Ordering chart accessories
Description
Article no.
büS starter kit
772426 
Connector, digital version (büS)
920299 
Connector, digital version (sensor supply/actuator)
920245 
Plug, analogue version
920225 
Connection plate for 8763 flange pattern FB51 with three G ⅛ port connections
394687 
Gas/air pump SP 570 EC 12 V DC (250 mA); ≥ 2 l/min; ≥ 1000 mbar (14.5 Psi)
906327 
Gas/air pump SP 600 EC-DV 12 V DC (400 mA); ≥ 3 l/min; ≥ 1300 mbar (18.85 Psi)
906379 
Gas/air pump SP 620 EC-BL-DV 12 V DC (500 mA) ≥ 2.8 l/min; ≥ 1300 mbar (18.85 Psi); brushless
906380 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com