Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9162IDDFR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9162IDDFR
Description  TLV916x 16V, 11MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9162IDDFR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV9162IDDFR Datasheet HTML 17Page - Texas Instruments TLV9162IDDFR Datasheet HTML 18Page - Texas Instruments TLV9162IDDFR Datasheet HTML 19Page - Texas Instruments TLV9162IDDFR Datasheet HTML 20Page - Texas Instruments TLV9162IDDFR Datasheet HTML 21Page - Texas Instruments TLV9162IDDFR Datasheet HTML 22Page - Texas Instruments TLV9162IDDFR Datasheet HTML 23Page - Texas Instruments TLV9162IDDFR Datasheet HTML 24Page - Texas Instruments TLV9162IDDFR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
6.3.2 EMI Rejection
The TLV916x uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI from
sources such as wireless communications and densely-populated boards with a mix of analog signal chain and
digital components. EMI immunity can be improved with circuit design techniques; the TLV916x benefits from
these design improvements. Texas Instruments has developed the ability to accurately measure and quantify the
immunity of an operational amplifier over a broad frequency spectrum extending from 10MHz to 6GHz. Figure
6-3 shows the results of this testing on the TLV916x. Table 6-1 lists the EMIRR IN+ values for the TLV916x at
particular frequencies commonly encountered in real-world applications. The EMI Rejection Ratio of Operational
Amplifiers application report contains detailed information on the topic of EMIRR performance as it relates to op
amps and is available for download from www.ti.com.
Frequency (Hz)
20
30
40
50
60
70
80
90
100
110
120
10M
100M
1G
D012
Figure 6-3. EMIRR Testing
Table 6-1. TLV9161 EMIRR IN+ for Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency (UHF)
applications
50.0dB
900 MHz
Global system for mobile communications (GSM) applications, radio communication, navigation,
GPS (to 1.6GHz), GSM, aeronautical mobile, UHF applications
56.3dB
1.8GHz
GSM applications, mobile personal communications, broadband, satellite, L-band (1GHz to 2GHz)
65.6dB
2.4GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications, industrial, scientific and
medical (ISM) radio band, amateur radio and satellite, S-band (2GHz to 4GHz)
70.0dB
3.6GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
78.9dB
5GHz
802.11a, 802.11n, aero communication and navigation, mobile communication, space and satellite
operation, C-band (4GHz to 8GHz)
91.0dB
www.ti.com
TLV9161, TLV9162, TLV9164
SBOSA68D – NOVEMBER 2021 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV9161 TLV9162 TLV9164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com