Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9162IDDFR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9162IDDFR
Description  TLV916x 16V, 11MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9162IDDFR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV9162IDDFR Datasheet HTML 18Page - Texas Instruments TLV9162IDDFR Datasheet HTML 19Page - Texas Instruments TLV9162IDDFR Datasheet HTML 20Page - Texas Instruments TLV9162IDDFR Datasheet HTML 21Page - Texas Instruments TLV9162IDDFR Datasheet HTML 22Page - Texas Instruments TLV9162IDDFR Datasheet HTML 23Page - Texas Instruments TLV9162IDDFR Datasheet HTML 24Page - Texas Instruments TLV9162IDDFR Datasheet HTML 25Page - Texas Instruments TLV9162IDDFR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
6.3.3 Thermal Protection
The internal power dissipation of any amplifier causes its internal (junction) temperature to rise. This
phenomenon is called self heating. The absolute maximum junction temperature of the TLV916x is 150°C.
Exceeding this temperature causes damage to the device. The TLV916x has a thermal protection feature that
reduces damage from self heating. The protection works by monitoring the temperature of the device and
turning off the op amp output drive for temperatures above 170°C. Figure 6-4 shows an application example
for the TLV9162 that has significant self heating because of its power dissipation (0.627 W). In this example,
both channels have a quiescent power dissipation while one of the channels has a significant load. Thermal
calculations indicate that for an ambient temperature of 60°C, the device junction temperature reaches 175°C.
The actual device, however, turns off the output drive to recover towards a safe junction temperature. Figure 6-4
shows how the circuit behaves during thermal protection. During normal operation, the device acts as a buffer so
the output is 5V. When self heating causes the device junction temperature to increase above the internal limit,
the thermal protection forces the output to a high-impedance state and the output is pulled to ground through
resistor RL. If the condition that caused excessive power dissipation is not removed, the amplifier will oscillate
between a shutdown and enabled state until the output fault is corrected. Please note that thermal performance
can vary greatly depending on the package selected and the PCB layout design. This example uses the thermal
performance of the TSSOP (8) package.
170ºC
5 V
0 V
16 V
RL
100
VIN
5 V
+
5 V
–
I
OUT = 50 mA
TLV9162
One channel has load
Consider IQ of two channels
TA = 60°C
PD = 0.627W
JA = 183.4°C/W
TJ = 183.4°C/W × 0.627W + 60°C
TJ = 175°C (expected)
+
–
Figure 6-4. Thermal Protection
6.3.4 Capacitive Load and Stability
The TLV916x features an output stage capable of driving moderate capacitive loads, and by leveraging an
isolation resistor, the device can easily be configured to drive larger capacitive loads. Increasing the gain
enhances the ability of the amplifier to drive greater capacitive loads; see Figure 6-5 and Figure 6-6. The
particular op amp circuit configuration, layout, gain, and output loading are some of the factors to consider when
establishing whether an amplifier will be stable in operation.
Capacitive Load (pF)
0
80
160
240
320
400
480
560
0
10
20
30
40
50
60
70
D030
RISO = 0:, Overshoot (+)
RISO = 0:, Overshoot (-)
RISO = 50:, Overshoot (+)
RISO = 50:, Overshoot (-)
Figure 6-5. Small-Signal Overshoot vs Capacitive
Load (20-mVpp Output Step, G = +1)
Capacitive Load (pF)
0
80
160
240
320
400
480
560
0
10
20
30
40
50
60
70
D029
RISO = 0:, Overshoot (+)
RISO = 0:, Overshoot (-)
RISO = 50:, Overshoot (+)
RISO = 50:, Overshoot (-)
Figure 6-6. Small-Signal Overshoot vs Capacitive
Load (20-mVpp Output Step, G = -1)
TLV9161, TLV9162, TLV9164
SBOSA68D – NOVEMBER 2021 – REVISED MARCH 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9161 TLV9162 TLV9164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com