Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B760 Datasheet(PDF) 12 Page - EPCOS

Part # B760
Description  Polymer chip capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B760 Datasheet(HTML) 12 Page - EPCOS

Back Button B760 Datasheet HTML 8Page - EPCOS B760 Datasheet HTML 9Page - EPCOS B760 Datasheet HTML 10Page - EPCOS B760 Datasheet HTML 11Page - EPCOS B760 Datasheet HTML 12Page - EPCOS B760 Datasheet HTML 13Page - EPCOS B760 Datasheet HTML 14Page - EPCOS B760 Datasheet HTML 15Page - EPCOS B760 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Temperature dependence of the capacitance
The capacitance of an electrolytic capacitor varies with the temperature (positive temperature
coefficient). The amount by which it varies depends on the specific voltage and capacitance
value.
Capacitance change versus temperature (typ.
values)
Capacitance change versus temperature (maximum values)
55
°C
+ 85
°C
+ 105
°C
TOPcap - Basic
20%
+ 25%
+ 30%
Polymer chip capacitors
B760
TOPcap - Basic
Page 12 of 26
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com