Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B760 Datasheet(PDF) 24 Page - EPCOS

Part # B760
Description  Polymer chip capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B760 Datasheet(HTML) 24 Page - EPCOS

Back Button B760 Datasheet HTML 18Page - EPCOS B760 Datasheet HTML 19Page - EPCOS B760 Datasheet HTML 20Page - EPCOS B760 Datasheet HTML 21Page - EPCOS B760 Datasheet HTML 22Page - EPCOS B760 Datasheet HTML 23Page - EPCOS B760 Datasheet HTML 24Page - EPCOS B760 Datasheet HTML 25Page - EPCOS B760 Datasheet HTML 26Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Cautions and warnings
When using TOPcap capacitors, the following cautions and warnings should be taken into
account:
Polarity
Because polymer capacitors are polar capacitors, it is important to observe their polarity markings
(positive pole on the anode, negative pole on the cathode). Any incorrect polarity resulting from
the sum of the AC and DC voltage components must be smaller than or equal to the permitted
polarity reversal voltage (see “General technical information”, section 4.6 and section 4.8 under
www.epcos.com/tantalum_capacitors). To avoid reducing their reliability, this voltage may only
occur for a short time, at most five times for a total duration of one minute per hour.
Voltage
The maximum continuous voltage depends on the ambient temperature. Within the temperature
range of -55 to +85
°C, the rated voltage is equal to the maximum continuous voltage. Between +
85 and + 105
°C the maximum continuous voltage must be reduced linearly from the full rated
voltage to 4/5 of it (derating at 105
°C). Operation below the maximum continuous voltage has a
positive effect on the capacitor’s life time reliability. The maximum continuous voltage must not be
exceeded (see“Quality and environment”, section 1.11 under
www.epcos.com/tantalum_capacitors).
All unfavourable operating conditions (such as possible line overvoltages, unfavourable
tolerances of the transformation ratio of the line transformer in the equipment, repeated
overvoltages when the equipment is switched on/off, high ambient temperatures) must be taken
into account when determining the operating voltage.
The surge voltage is the maximum voltage (peak value) that may be applied to the capacitor for
short periods, at most five times for a total duration of up to 1 minute per hour (high
charge/discharge current comditions are not allowed above rated voltage). The surge voltage
must not be applied for periodic charging and discharging in the course of normal operation and
cannot be part of the operating voltage. The permissible surge voltage for all capacitors in this
data book is 1.3 x the rated voltage up to 85
°C (4/5 of the rated voltage for 85 °C up to 105 °C).
The occurrence of voltage impulses (transient voltages) that exceed the surge voltage may lead
to irreparable damage.
Capacitance
The actual capacitance of a capacitor can deviate from the rated capacitance by as much as the
full magnitude of the tolerance at delivery. Capacitance generally varies with temperature (at +85
°C up to +20%) and frequency (see “General technical information”, section 5 under
www.epcos.com/tantalum_capacitors).
Polymer chip capacitors
B760
TOPcap - Basic
Page 24 of 26
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com