Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7264N Datasheet(PDF) 12 Page - OSRAM GmbH

Part # AS7264N
Description  XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7264N Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button AS7264N Datasheet HTML 8Page - OSRAM GmbH AS7264N Datasheet HTML 9Page - OSRAM GmbH AS7264N Datasheet HTML 10Page - OSRAM GmbH AS7264N Datasheet HTML 11Page - OSRAM GmbH AS7264N Datasheet HTML 12Page - OSRAM GmbH AS7264N Datasheet HTML 13Page - OSRAM GmbH AS7264N Datasheet HTML 14Page - OSRAM GmbH AS7264N Datasheet HTML 15Page - OSRAM GmbH AS7264N Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
ams Datasheet
Page 11
[v1-00] 2017-Oct-05
Document Feedback
AS7264N − Detailed Descriptions
Figure 12:
Internal Block Diagram
XYZ Sensor
The AS7264N XYZ sensor is a next-generation digital color
sensor device. It senses X, Y, Z standard observer filters
compliant with the CIE 1931 standard observer color response
in addition to near IR (NIR), long wavelength blue (490nm) and
short wavelength blue (440nm) spectrum filters.
The sensor contains analog-to-digital converters (16-bit
resolution ADC), which integrate current from each channel’s
photodiode. Upon completion of conversion cycle, the
integrated result is transferred to the corresponding data
register. Transfers are double-buffered to ensure integrity of the
data is maintained.
Interference filters realize all filter responses and enable
minimal life-time drift and very high temperature stability.
Filter accuracy is affected by the optical angle of incidence
which itself is limited by an integrated aperture and an internal
micro-lens structure in the AS7264N. The package field of view
(PFOV) is ±20.5° to deliver the specified accuracy. External
optics can be used as needed to expand or reduce this built in
PFOV.
Detailed Descriptions
SDA_S
SCL_S
AS7264N
I
2
C Control
VDD1
VDD2
GND
RESN
°C
INT
XY
Z
XYZ
True
Color
Sensor
NIR
LED_IND
LED_DRV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com