Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7264N Datasheet(PDF) 14 Page - OSRAM GmbH

Part # AS7264N
Description  XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7264N Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button AS7264N Datasheet HTML 10Page - OSRAM GmbH AS7264N Datasheet HTML 11Page - OSRAM GmbH AS7264N Datasheet HTML 12Page - OSRAM GmbH AS7264N Datasheet HTML 13Page - OSRAM GmbH AS7264N Datasheet HTML 14Page - OSRAM GmbH AS7264N Datasheet HTML 15Page - OSRAM GmbH AS7264N Datasheet HTML 16Page - OSRAM GmbH AS7264N Datasheet HTML 17Page - OSRAM GmbH AS7264N Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
ams Datasheet
Page 13
[v1-00] 2017-Oct-05
Document Feedback
AS7264N − Detailed Descriptions
Spectral Conversion and Data Acquisition
Spectral conversion uses a register set for integration time
(register INT_T ). If both photodiode banks are required to
complete the conversion, the second bank requires an
additional integration time. Minimum conversion time for a
single bank is 2.8 milliseconds. If data is required from all 6
photodiodes the device must perform 2 full conversions
(2x integration time). The user has control of gain for the
photodiode current, programmed into bits 0 and 1 of the GAIN_
IDRV register where gain can be set to 1x, 3.7x, 16x or 64x. A
wait time between integration cycles can be programmed into
register WTIME using the same units as the INT_T register.
An auto zero function is automatically performed before the
first data conversion after a power-on or reset, in order to
achieve the best data quality. Auto zero corrects for internal
device temperature. But since it’s automatically done only once,
it can also be manually run. Typically, if the temperature
changes by 15 ºC or more the auto zero should be manually run
by writing to the Auto_Zero register (temperature is user
calculated based on TMPL & TMPH registers values). But auto
zero can also be manually done before every conversion. When
auto zero function is complete the DONE bit (bit7) of Auto_Zero
register will be set to 1.
The BANK bit (bit7) in the BANK register can be changed as
needed before data conversion to acquire the desired channels.
While conversion is continuous, timing is done using registers.
Both polling and interrupt operation are then supported for
“conversion complete” timing. Both require programming the
INTR_POLL_EN register bit 2 to a 1. The conversion process is
started by writing a 0x01 to the DATA_EN register followed by
clearing any previous Data Valid bit in the INTR_POLL_CLR
register. This is followed by a separate write of 0x03 to the
DATA_EN register.
If the AS7264N interrupt output is to be used for data
conversion timing the INTR_PIN_Config register should be
programmed to 0xCA. The INT pin will then be asserted high at
the completion of the conversion cycle. A 0x04 should be
written to the INTR_POLL_CLR register to clear this interrupt
which also clears polling bit 2 in the register.
If only polling is to be used for conversion timing, an external
interrupt is not required and the INTR_PIN_Config register
should be programmed to 0x00. Polling of bit 2 in the INTR_
POLL_CLR register will return 0x00 if the conversion is not
complete, and 0x04 if complete. Once complete a 0x04 should
be written to the INTR_POLL_CLR register to clear bit 2, the
polled bit.
For acquisition, done after conversion, data needs to be latched
by writing 0x83 to the DATA_EN register. The purpose of
latching the data by the user is to provide a mechanism for data
to be coherent and under user control. Now, the data bank
register can be read (one bank per single
conversion-acquisition cycle). The CLR bit (bit2) should be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com