Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH7074 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH7074
Description  BIOFY® Biomonitoring Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7074 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH7074 Datasheet HTML 1Page - OSRAM GmbH SFH7074 Datasheet HTML 2Page - OSRAM GmbH SFH7074 Datasheet HTML 3Page - OSRAM GmbH SFH7074 Datasheet HTML 4Page - OSRAM GmbH SFH7074 Datasheet HTML 5Page - OSRAM GmbH SFH7074 Datasheet HTML 6Page - OSRAM GmbH SFH7074 Datasheet HTML 7Page - OSRAM GmbH SFH7074 Datasheet HTML 8Page - OSRAM GmbH SFH7074 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
SFH 7074
DATASHEET
DATASHEET
4 | Version 1.1 | 2023-05-22
Maximum Ratings
TA = 25 °C
Parameter
Symbol
Values
Operating temperature range
Top
min.
max.
-40 °C
85 °C
Storage temperature range
Tstg
min.
max.
-40 °C
85 °C
ESD withstand voltage
acc. to ANSI/ESDA/JEDEC JS-001 - HBM
VESD
max.
1.5 kV
Green Emitter
Reverse voltage 5)
VR
max.
5 V
Forward current
IF (DC)
min.
max.
10 mA
30 mA
Forward current pulsed
tp = 2.7 ms; D = 0.005
IF pulse
max.
300 mA
Red Emitter
Reverse voltage 5)
VR
max.
12 V
Forward current
IF (DC)
min.
max.
10 mA
40 mA
Forward current pulsed
tp = 440 µs; D = 0.005
IF pulse
max.
300 mA
Infrared Emitter
Reverse voltage 5)
VR
max.
5 V
Forward current
IF (DC)
min.
max.
1 mA
60 mA
Forward current pulsed
tp = 15 µs; D = 0.005
IF pulse
max.
1 A
Photodiode (PD1/ PD2/ PD3)
Reverse voltage
VR
max.
16 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com