Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH7074 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH7074
Description  BIOFY® Biomonitoring Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7074 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH7074 Datasheet HTML 1Page - OSRAM GmbH SFH7074 Datasheet HTML 2Page - OSRAM GmbH SFH7074 Datasheet HTML 3Page - OSRAM GmbH SFH7074 Datasheet HTML 4Page - OSRAM GmbH SFH7074 Datasheet HTML 5Page - OSRAM GmbH SFH7074 Datasheet HTML 6Page - OSRAM GmbH SFH7074 Datasheet HTML 7Page - OSRAM GmbH SFH7074 Datasheet HTML 8Page - OSRAM GmbH SFH7074 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
SFH 7074
DATASHEET
DATASHEET
5 | Version 1.1 | 2023-05-22
Characteristics
TA = 25 °C
Parameter
Symbol
Values
Green Emitter
Peak wavelength
IF = 20 mA; tp = 20 ms
λpeak
typ.
526 nm
Centroid Wavelength 6)
IF = 20 mA; tp = 20 ms
λcentroid
min.
typ.
max.
520 nm
530 nm
540 nm
Spectral bandwidth at 50% Irel,max (FWHM)
IF = 20 mA; tp = 20 ms
Δλ
typ.
27 nm
Half angle
φ
typ.
± 60 °
Rise time (10%/ 90%)
IF = 100 mA; RL = 5
Ω
tr
typ.
130 ns
Fall time (10%/ 90%)
IF = 100 mA; RL = 5
Ω
tf
typ.
250 ns
Forward voltage 7)
IF = 20 mA; tp = 20 ms
VF
typ.
max.
2.35 V
2.8 V
Reverse current
VR = 5 V
IR
not designed for
reverse operation
Radiant intensity 8)
IF = 20 mA; tp = 20 ms
Ie
min.
typ.
max.
2.2 mW / sr
4.0 mW / sr
5.4 mW / sr
Total radiant flux
IF = 20 mA; tp = 20 ms
Φe
typ.
11 mW
Temperature coefficient of brightness
IF = 20 mA; tp = 20 ms
TCI
typ.
-0.2 % / K
Temperature coefficient of wavelength
IF = 20 mA; tp = 20 ms
TCλ
typ.
0.043 nm / K
Temperature coefficient of voltage
IF = 20 mA; tp = 20 ms
TCV
typ.
-3.4 mV / K
Thermal resistance junction solder point real
RthJS
max.
180 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com